Electronic Components Datasheet Search
  English  ▼

X  

MSK4301HD Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4301HD
Description  PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4301HD Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4301HD Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4301HD Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4301HD Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4301HD Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4301HD Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4301HD Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CONTROL SECTION
VBIAS Quiescent Current
VBIAS Operating Current
Undervoltage Threshold (Falling)
Undervoltage Threshold (Rising)
Low Level Input Voltage
High Level Input Voltage
Low Level Input Current
High Level Input Current
OUTPUT BRIDGE
Drain-Source Breakdown Voltage
Drain-Source Leakage Current
Drain-Source On Resistance (Each FET)
Drain-Source On Resistance
(Each FET, For Thermal Calculations Only)
SWITCHING CHARACTERISTICS
Rise Time
Fall Time
Turn-On Prop Delay (Lower)
Turn-Off Prop Delay (Lower)
Turn-On Prop Delay (Upper)
Turn-Off Prop Delay (Upper)
Dead Time
Dead Time
SOURCE-DRAIN DIODE CHARACTERISTICS
Forward Voltage
Reverse Recovery Time
High Voltage Supply
Bias Supply
Logic Input Voltages
Continuous Output Current
Peak Output Current
Thermal Resistance MOSFETS @ 125°C
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4301H
MSK4301
Junction Temperature
-3V transient to +75V
-0.3V to +16V
-0.3V to VBIAS +0.3V
29A
41A
-3V transient to +75V
-3V transient to +3V
ABSOLUTE MAXIMUM RATINGS
V+
VBIAS
VIND
IOUT
IPK
AØ, BØ, CØ
RSENSE
0.8°C/W
-65°C to +150°C
+300°C
-55°C to +125°C
-40°C to +85°C
+150°C
θJC
TST
TLD
TC
TJ
Typ.
2.5
20
6.6
7.1
-
-
100
-
-
-
-
120
81
0.5
5
5
0.5
5.0
1.0
1.05
120
mAmp
mAmp
Volts
Volts
Volts
Volts
µAmp
µAmp
V
µAmp
Ω
nSec
nSec
µSec
µSec
µSec
µSec
µSec
µSec
Volts
nSec
Parameter
ELECTRICAL SPECIFICATIONS
Units
Max.
8
25
7.6
8.1
0.8
-
135
+1
-
250
0.022
-
-
3
10
10
3
7.0
1.2
1.30
-
MSK4301
Min.
-
-
5.6
6.1
-
2.7
60
-1
75
-
-
-
-
-
-
-
-
3.0
0.3
-
-
Test Conditions
2
Typ.
2.5
20
6.6
7.1
-
-
100
-
-
-
-
120
81
0.5
5
5
0.5
5.0
1.0
1.05
120
Max.
8
25
7.6
8.1
0.8
-
135
+1
-
250
0.022
-
-
2
8
8
2
7.0
1.2
1.30
-
Min.
-
-
5.6
6.1
-
2.7
60
-1
75
-
-
-
-
-
-
-
-
3.0
0.3
-
-
1,2,3
1,2,3
1
1
-
-
-
-
-
-
1
-
-
4
4
4
4
4
4
-
-
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" Suffix) shall be 100% tested to Subgroups 1, 2, 3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1, 4 TA = TC = +25°C
2, 5 TA = TC = +125°C
3, 6 TA = TC = -55°
Continuous operation at or above absolute maximum ratings may adversly effect the device performance and/or life cycle.
When applying power to the device, apply the low voltage followed by the high voltage or alternatively, apply both at the same time
Do not apply high voltage without low voltage present.
Internal solder reflow temperature is 180°C, do not exceed.
SWR Resistor=∞
SWR Resistor=∞
1
-
Ω
0.013
0.013
-
-
-
-
MSK4301H
6
7
NOTES
NOTES:
8
1
1
1
1
1
1
1
1
1
1
1
1
1
All Inputs Off
f=20KHz, 50% Duty Cycle
VIN=0V
VIN=5V
ID=250µA, All Inputs Off
VDS=75V
ID=29A
V+=28V
ID=29A
SWR Resistor=∞
SWR Resistor=∞
SWR =∞
SWR=12K
ISD=29A
ISD=29A, di/dt=100A/µS
1
GroupA
Subgroup
4
3
2
1
2
3
4
5
6
7
8
8548-71 Rev. J 1/15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com