Electronic Components Datasheet Search
  English  ▼

X  

P222050 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P222050
Description  PS-2 Keyboard or Mouse Extension Cable (Mini-DIN6 M-F), 50-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P222050 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P222050 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P222050 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PS/2 Keyboard or Mouse Extension Cable
(Mini-DIN6 M/F), 50-ft.
MODEL NUMBER: P222-050
Description
Extend the length of the cable on any PS/2 device, such as a mouse or keyboard, by using a Tripp Lite 50ft PS/2 extension cable. MiniDIN6 male to MiniDIN6
female. Superior molded cables with foil-shielding for maximum EMI/RFI protection.
Features
Superior molded cables with foil-shielding for maximum EMI/RFI protection
For PS/2 keyboards and mice
MiniDIN6 (male) to MiniDIN6 (female), 50ft
Specifications
OVERVIEW
Cable Type
Keyboard/Mouse
INPUT
Cable Length (ft.)
50
Cable Length (m)
15.24
PHYSICAL
Color
Beige
CONNECTIONS
Highlights
Superior molded cables with
foil-shielding for maximum
EMI/RFI protection
PS/2 Keyboard or Mouse
Extension, 50ft
System Requirements
PS/2 device or cable with
MiniDin6 Male connector
Package Includes
50-ft. PS/2 Keyboard/Mouse
Extension MiniDIN6M to MiniDIN6F
1 / 2


Similar Part No. - P222050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2220 ETC2-P2220 Datasheet
227Kb / 2P
Passive 1x/10x Voltage Probe
P2220 ETC2-P2220 Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
P2220 TEKTRONIX-P2220 Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
P2220 TEKTRONIX-P2220 Datasheet
220Kb / 4P
Passive 1x/10x Voltage Probe
logo
Tripp Lite. All Rights ...
P222006 TRIPPLITE-P222006 Datasheet
468Kb / 2P
PS-2 Keyboard or Mouse Extension Cable (Mini-DIN6 M-F), 6-ft
More results

Similar Description - P222050

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P222-006 TRIPPLITE-P222-006 Datasheet
475Kb / 3P
PS/2 Keyboard or Mouse Extension Cable
P222-010 TRIPPLITE-P222-010 Datasheet
477Kb / 3P
PS/2 Keyboard or Mouse Extension Cable
U219-000-R TRIPPLITE-U219-000-R Datasheet
485Kb / 3P
USB to PS/2 Adapter - Keyboard and Mouse (A M to 2x Mini-Din6 F)
P222006 TRIPPLITE-P222006 Datasheet
468Kb / 2P
PS-2 Keyboard or Mouse Extension Cable (Mini-DIN6 M-F), 6-ft
P222010 TRIPPLITE-P222010 Datasheet
469Kb / 2P
PS-2 Keyboard or Mouse Extension Cable (Mini-DIN6 M-F), 10-ft
P222015 TRIPPLITE-P222015 Datasheet
468Kb / 2P
PS-2 Keyboard or Mouse Extension Cable (Mini-DIN6 M-F), 15-ft
P222025 TRIPPLITE-P222025 Datasheet
467Kb / 2P
PS-2 Keyboard or Mouse Extension Cable (Mini-DIN6 M-F), 25-ft
P230001 TRIPPLITE-P230001 Datasheet
470Kb / 2P
PS-2 Keyboard or Mouse Y Splitter Cable (Mini-DIN6 M-2xF), 1-ft
P222-025 TRIPPLITE-P222-025 Datasheet
152Kb / 2P
PS/2 Keyboard or Mouse Extension Cable (Mini-DIN6 M/F), 25-ft.
P222-050 TRIPPLITE-P222-050 Datasheet
152Kb / 2P
PS/2 Keyboard or Mouse Extension Cable (Mini-DIN6 M/F), 50-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com