Electronic Components Datasheet Search
  English  ▼

X  

BCR08AM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR08AM
Description  LOW POWER USE PLANAR PASSIVATION TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR08AM Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR08AM_15 Datasheet HTML 1Page - Renesas Technology Corp BCR08AM_15 Datasheet HTML 2Page - Renesas Technology Corp BCR08AM_15 Datasheet HTML 3Page - Renesas Technology Corp BCR08AM_15 Datasheet HTML 4Page - Renesas Technology Corp BCR08AM_15 Datasheet HTML 5Page - Renesas Technology Corp BCR08AM_15 Datasheet HTML 6Page - Renesas Technology Corp BCR08AM_15 Datasheet HTML 7Page - Renesas Technology Corp BCR08AM_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Mar. 2002
MITSUBISHI SEMICONDUCTOR <TRIAC>
BCR08AM
LOW POWER USE
PLANAR PASSIVATION TYPE
APPLICATION
Electric fan, air cleaner, other general purpose control applications
BCR08AM
Symbol
IT (RMS)
ITSM
I2t
PGM
PG (AV)
VGM
IGM
Tj
Tstg
—
Parameter
RMS on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate voltage
Peak gate current
Junction temperature
Storage temperature
Weight
Conditions
Commercial frequency, sine full wave 360
° conduction, Tc=56°C
60Hz sinewave 1 full cycle, peak value, non-repetitive
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
Typical value
Unit
A
A
A2s
W
W
V
A
°C
°C
g
Ratings
0.8
8
0.26
1
0.1
6
0.5
–40 ~ +125
–40 ~ +125
0.23
Symbol
VDRM
VDSM
Parameter
Repetitive peak off-state voltage ✽1
Non-repetitive peak off-state voltage ✽1
Voltage class
Unit
V
V
MAXIMUM RATINGS
✽1. Gate open.
• IT (RMS) ..................................................................... 0.8A
• VDRM ....................................................................... 600V
• IRGT I, IRGT III ............................................................ 5mA
MITSUBISHI SEMICONDUCTOR <TRIAC>
BCR08AM
LOW POWER USE
PLANAR PASSIVATION TYPE
12
600
720
TYPE
NAME
VOLTAGE
CLASS
➁
➀
➂
➀
➁
➂
T1 TERMINAL
T2 TERMINAL
GATE TERMINAL
φ5.0 MAX.
1.25 1.25
CIRCUMSCRIBE
CIRCLE
φ0.7
➀ ➂ ➁
OUTLINE DRAWING
Dimensions
in mm
JEDEC : TO-92



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com