Electronic Components Datasheet Search
  English  ▼

X  

BCR16CM Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # BCR16CM
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16CM Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button BCR16CM_15 Datasheet HTML 6Page - Renesas Technology Corp BCR16CM_15 Datasheet HTML 7Page - Renesas Technology Corp BCR16CM_15 Datasheet HTML 8Page - Renesas Technology Corp BCR16CM_15 Datasheet HTML 9Page - Renesas Technology Corp BCR16CM_15 Datasheet HTML 10Page - Renesas Technology Corp BCR16CM_15 Datasheet HTML 11Page - Renesas Technology Corp BCR16CM_15 Datasheet HTML 12Page - Renesas Technology Corp BCR16CM_15 Datasheet HTML 13Page - Renesas Technology Corp BCR16CM_15 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Mar. 2002
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR16CM
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
The product guaranteed maximum junction
temperature 150
°C (See warning.)
101
103
7
5
3
2
100
23
5 7 101
102
7
5
3
2
23
5 7 102
4
4
44
IRGT III
IRGT I
IFGT I
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
102
35 7 101
2 3
23
57 102
7
5
101
7
3
2
7
5
100
3
2
102
35 7 101
2 3
23
57 102
7
5
101
7
3
2
7
5
100
3
2
BREAKOVER VOLTAGE VS.
RATE OF RISE OF
OFF-STATE VOLTAGE (Tj = 125
°C)
RATE OF RISE OF OFF-STATE VOLTAGE (V/
µs)
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE CURRENT PULSE WIDTH (
µs)
TYPICAL EXAMPLE
TYPICAL EXAMPLE
Tj = 125
°C
I QUADRANT
III QUADRANT
BREAKOVER VOLTAGE VS.
RATE OF RISE OF
OFF-STATE VOLTAGE (Tj = 150
°C)
RATE OF RISE OF OFF-STATE VOLTAGE (V/
µs)
TYPICAL EXAMPLE
Tj = 150
°C
I QUADRANT
III QUADRANT
COMMUTATION CHARACTERISTICS
(Tj = 150
°C)
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
TYPICAL
EXAMPLE
Tj = 150
°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
I QUADRANT
III QUADRANT
SUPPLY
VOLTAGE
TIME
TIME
TIME
MAIN CURRENT
MAIN
VOLTAGE
(di/dt)c
VD
(dv/dt)c
COMMUTATION CHARACTERISTICS
(Tj = 125
°C)
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
TYPICAL
EXAMPLE
Tj = 125
°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
III QUADRANT
MINIMUM
CHARAC-
TERISTICS
VALUE
SUPPLY
VOLTAGE
TIME
TIME
TIME
MAIN CURRENT
MAIN
VOLTAGE
(di/dt)c
VD
(dv/dt)c
I QUADRANT
MINIMUM
CHARAC-
TERISTICS
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com