Electronic Components Datasheet Search
  English  ▼

X  

P602010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P602010
Description  Parallel Printer Cable, Bi-Directional (DB25 to Cen36 M-M), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P602010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P602010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P602010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parallel Printer Cable, Bi-Directional (DB25 to Cen36
M/M), 10-ft.
MODEL NUMBER: P602-010
Description
Tripp Lite's 10-ft. bi-directional parallel printer cable connects computers with a DB25 female parallel port to
parallel printers with a Centronics 36 female parallel port. The cable has DB25 male/Cent36 male connectors and supports bi-directional communication. It is
manufactured from superior molded cable with integral strain relief and foil shielding for maximum EMI/RFI protection. Bi-directional communication allows your
printer to broadcast printer error messages back to network computers. Use IEEE cable if IEEE specifications are required.
Features
Supports bi-directional communication
Length 10-ft. Connectors: DB25 male/Cent36 male
Superior molded cable with integral strain relief and foil shielding for maximum EMI/RFI protection
Bi-directional communication allows your printer to broadcast printer error messages back to network computers
Molded ends with easy-grip textured overmold
Use IEEE cable if IEEE specifications are required
Specifications
OVERVIEW
Cable Type
Printer
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
PHYSICAL
Highlights
Superior molded cables with
integral strain relief and
foil-shielding for maximum
EMI/RFI protection
Provides superior conductivity
and support for high-speed
bi-directional printing
System Requirements
Computers with a DB25 Female
parallel port
Parallel printers with a Centronics
36 Female parallel port with
Bi-Directional communication
(although not essential).
Package Includes
10-ft. Bidir Parallel Cable
Cen36M to DB25M
1 / 2


Similar Part No. - P602010

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P602-00DC PLL-P602-00DC Datasheet
174Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
P602-01HOC PLL-P602-01HOC Datasheet
202Kb / 4P
Low Phase Noise XO (24MHz to 50MHz)
P602-01HSC PLL-P602-01HSC Datasheet
202Kb / 4P
Low Phase Noise XO (24MHz to 50MHz)
P602-01OC PLL-P602-01OC Datasheet
202Kb / 4P
Low Phase Noise XO (24MHz to 50MHz)
P602-01SC PLL-P602-01SC Datasheet
202Kb / 4P
Low Phase Noise XO (24MHz to 50MHz)
More results

Similar Description - P602010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U206006R TRIPPLITE-U206006R Datasheet
508Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 6-ft
U206010 TRIPPLITE-U206010 Datasheet
509Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 10-ft.
P606003 TRIPPLITE-P606003 Datasheet
472Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 3-ft
P606006 TRIPPLITE-P606006 Datasheet
473Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 6-ft.
P606010 TRIPPLITE-P606010 Datasheet
471Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 10-ft
P606015 TRIPPLITE-P606015 Datasheet
495Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 15-ft
P606-006 TRIPPLITE-P606-006 Datasheet
155Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M/M), 6-ft.
P606-010 TRIPPLITE-P606-010 Datasheet
154Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M/M), 10-ft.
U206-006-R TRIPPLITE-U206-006-R Datasheet
175Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M/M), 6-ft.
U206-010 TRIPPLITE-U206-010 Datasheet
175Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M/M), 10-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com