Electronic Components Datasheet Search
  English  ▼

X  

P606015 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P606015
Description  IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 15-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P606015 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P606015 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P606015 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36
M/M), 15-ft.
MODEL NUMBER: P606-015
Description
Tripp Lite's 15-ft. IEEE 1284 A-B parallel printer cable connects computers with a DB25 female parallel port to
parallel printers with a Centronics 36 female parallel port. It supports high-speed IEEE 1284 bi-directional
communication. The cable features nickel plated DB25 male/Cent36 male connectors and gold plated copper contacts for superior conductivity. It is
manufactured from superior molded cable with integral strain relief and double shielding for maximum EMI/RFI protection. It contains low-capacitance,
impedance matched, twisted-pair conductors that protect against cross-talk and other transmission problems.
Features
Supports high-speed IEEE 1284 bi-directional communication (modes: standard compatible nibble byte ECP and EPP)
Length: 15-ft. Connectors: DB25 male/Cent36 male
Nickel plated connectors and gold plated copper contacts offer superior conductivity
Superior molded cable with integral strain relief and double shielding (foil and braid) for maximum EMI/RFI protection
Low-capacitance impedance matched twisted-pair conductors protect against cross-talk and other transmission problems
Bi-directional communication allows your printer to broadcast printer error messages back to network computers
Molded ends with easy-grip textured overmold
Specifications
OVERVIEW
Cable Type
Printer
INPUT
Cable Length (ft.)
15
Cable Length (m)
4.57
Highlights
Superior molded cables with
integral strain relief and
foil-shielding for maximum
EMI/RFI protection
IEEE 1284 Printer Cables provide
superior conductivity and support
high-speed bi-directional printing
System Requirements
Computers with a DB25 Female
parallel port
Parallel printers with a Centronics
36 Female parallel port with
high-speed IEEE 1284
Bi-Directional communication
(although not essential).
Package Includes
15-ft. IEEE 1284 AB Parallel
Printer Cable DB25M to Cen36M
1 / 2


Similar Part No. - P606015

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P606010 TRIPPLITE-P606010 Datasheet
471Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 10-ft
More results

Similar Description - P606015

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U207006 TRIPPLITE-U207006 Datasheet
508Kb / 2P
Hi-Speed USB to IEEE 1284 Parallel Printer Gold Adapter Cable (USB-A to DB25 M-F), 6-ft
P602010 TRIPPLITE-P602010 Datasheet
469Kb / 2P
Parallel Printer Cable, Bi-Directional (DB25 to Cen36 M-M), 10-ft
P606003 TRIPPLITE-P606003 Datasheet
472Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 3-ft
P606006 TRIPPLITE-P606006 Datasheet
473Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 6-ft.
P606010 TRIPPLITE-P606010 Datasheet
471Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 10-ft
P710006 TRIPPLITE-P710006 Datasheet
473Kb / 2P
IEEE 1284 AA Straight Through Cable (DB25 M-M),6-ft
P606-006 TRIPPLITE-P606-006 Datasheet
155Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M/M), 6-ft.
P606-010 TRIPPLITE-P606-010 Datasheet
154Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M/M), 10-ft.
U207-006 TRIPPLITE-U207-006 Datasheet
171Kb / 2P
Hi-Speed USB to IEEE 1284 Parallel Printer Gold Adapter Cable (USB-A to DB25 M/F), 6-ft.
logo
IOGEAR
GUC1284B IOGEAR-GUC1284B Datasheet
129Kb / 2P
USB to Parallel IEEE 1284 Printer Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com