Electronic Components Datasheet Search
  English  ▼

X  

UPD3719 Datasheet(PDF) 13 Page - NEC

Part # UPD3719
Description  10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3719 Datasheet(HTML) 13 Page - NEC

Back Button UPD3719 Datasheet HTML 9Page - NEC UPD3719 Datasheet HTML 10Page - NEC UPD3719 Datasheet HTML 11Page - NEC UPD3719 Datasheet HTML 12Page - NEC UPD3719 Datasheet HTML 13Page - NEC UPD3719 Datasheet HTML 14Page - NEC UPD3719 Datasheet HTML 15Page - NEC UPD3719 Datasheet HTML 16Page - NEC UPD3719 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
µPD3719
13
STANDARD CHARACTERISTIC CURVES
DARK OUTPUT TEMPERATURE
CHARACTERISTIC
STORAGE TIME OUTPUT VOLTAGE
CHARACTERISTIC (TA = +25 °C)
Operating Ambient Temperature TA(°C)
Storage Time (ms)
8
4
2
1
0.5
0.25
0.1
10
0
203040
50
2
1
0.2
0.1
15
10
400
500
600
700
800
100
80
60
40
20
0
B
B
G
R
G
Wavelength (nm)
TOTAL SPECTRAL RESPONSE CHARACTERISTICS
(without infrared cut filter) (TA = +25 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com