Electronic Components Datasheet Search
  English  ▼

X  

LM119 Datasheet(PDF) 2 Page - Linear Technology

Part # LM119
Description  Dual Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM119 Datasheet(HTML) 2 Page - Linear Technology

  LM119_15 Datasheet HTML 1Page - Linear Technology LM119_15 Datasheet HTML 2Page - Linear Technology LM119_15 Datasheet HTML 3Page - Linear Technology LM119_15 Datasheet HTML 4Page - Linear Technology LM119_15 Datasheet HTML 5Page - Linear Technology LM119_15 Datasheet HTML 6Page - Linear Technology LM119_15 Datasheet HTML 7Page - Linear Technology LM119_15 Datasheet HTML 8Page - Linear Technology LM119_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT119A/LT319A
LM119/LM319
2
119a319afc
ABSOLUTE MAXIMUM RATINGS
Supply Voltage..........................................................36V
Output to Negative Supply Voltage ...........................36V
Ground to Negative Supply Voltage ..........................25V
Ground to Positive Supply Voltage............................18V
Differential Input Voltage (Note 6) ............................±5V
Differential Input Current (Note 6) .........................±5mA
Input Voltage (Note 2)
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT319AN#PBF
LT319AN
14-Lead Plastic DIP
0°C to 70°C
LM319N#PBF
LM319N
14-Lead Plastic DIP
0°C to 70°C
OBSOLETE PACKAGES
LT119AH#PBF
LT119AH
10-Lead TO-5 Metal Can
–55°C to 125°C
LM119H#PBF
LM119H
10-Lead TO-5 Metal Can
–55°C to 125°C
LT319AH#PBF
LT319AH
10-Lead TO-5 Metal Can
0°C to 70°C
LM319H#PBF
LM319H
10-Lead TO-5 Metal Can
0°C to 70°C
LT119AJ#PBF
LT119AJ
14-Lead Ceramic DIP
–55°C to 125°C
LM119J#PBF
LM119J
14-Lead Ceramic DIP
–55°C to 125°C
LT319AJ#PBF
LT319AJ
14-Lead Ceramic DIP
0°C to 70°C
LM319J#PBF
LM319J
14-Lead Ceramic DIP
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part markings, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PLASTIC DIP
14
13
12
11
10
9
8
NC
NC
GND
+INPUT 1
–INPUT 1
V–
OUTPUT 2
NC
NC
OUTPUT 1
V+
–INPUT 2
+INPUT 2
GND 2
TJMAX = 150°C, θJA = 100°C/W
TOP VIEW
–INPUT 2
V+
V –
10
9
8
6
4
2
1
5
H PACKAGE
10-LEAD TO-5 METAL CAN
7
3
GND 2
OUTPUT 2
+INPUT 1
–INPUT 1
GND
OUTPUT 1
+INPUT 2
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
OBSOLETE PACKAGE
1
2
3
4
5
6
7
TOP VIEW
J PACKAGE
14-LEAD CERAMIC DIP
14
13
12
11
10
9
8
NC
NC
GND
+INPUT 1
–INPUT 1
V–
OUTPUT 2
NC
NC
OUTPUT 1
V+
–INPUT 2
+INPUT 2
GND 2
TJMAX = 150°C, θJA = 100°C/W
OBSOLETE PACKAGE
PIN CONFIGURATION
Output Short-Circuit Duration................................... 10s
Operating Temperature Range
LT119A, LM119 OBSOLETE .......... –55°C to 125°C
LT319A, LM319........................................ 0°C to 70°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com