Electronic Components Datasheet Search
  English  ▼

X  

LT581X Datasheet(PDF) 1 Page - Linear Technology

Part # LT581X
Description  200C Voltage Reference
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT581X Datasheet(HTML) 1 Page - Linear Technology

  LT581X Datasheet HTML 1Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LT581X
581xfa
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
LINEAR TECHNOLOGY CORPORATION 2008
LT 0113 REV A • PRINTED IN USA
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
FEATURES
200°C Voltage Reference
n
100% Tested at 200°C
n
Absolute Maximum Operating Temperature: 225°C
n
Guaranteed Temperature Coefficient
ElEcTRicAl chARAcTERiSTicS V
IN = 15V, (Note 1)
SYMBOL PARAMETER
CONDITIONS
MIN/MAX
25°C
TYP
150°C
TYP
175°C
MIN/MAX
200°C
UNITS
VR
Output Voltage
Min
Max
9.970
10.030
10.020
10.032
9.900
10.100
V
V
TC
Temperature Coefficient
–55°C ≤ TA ≤ 125°C
125°C to 150°C
150°C to 175°C
125°C to 200°C
10
25
90
150*
ppm/°C
ppm/°C
ppm/°C
ppm/°C
∆VOUT
∆VIN
Line Regulation
15V ≤ VIN ≤ 30V
13V ≤ VIN ≤ 15V
3
1
8
2
15
5
60
10
mV
mV
∆VOUT
∆IOUT
Load Regulation (Sourcing) 0mA ≤ IOUT ≤ 5mA
0.5
0.8
10
60*
mV/mA
IQ
Quiescent Current
1.0
1.5
1.8
2.5
mA
*Not tested
Note 1: Devices are 100% tested at 200°C ±3° to the limits shown. Since
parameters change rapidly with temperature, devices are guaranteed at
190°C ±3°C and QA testing is done at 190°C ±3°. For normal operating
temperature range specifications please see the LT581 data sheet.
INPUT
GND
OUTPUT
BOTTOM VIEW
1
3
2
H PACKAGE
3-LEAD TO-39 METAL CAN
TJMAX = 225°C, θJA = 150°C/W
Pin conFigURATion
ORDER PART NUMBER
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT581XH
LT581UH
3-Lead TO-39 Metal Can
–55°C to 200°C
These parts are only available in SnPb finish.
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
oRdER inFoRmATion
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/581X
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT581X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT581X AD-LT581X Datasheet
1Mb / 18P
±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
Rev. 0
More results

Similar Description - LT581X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT580X LINER-LT580X_15 Datasheet
67Kb / 1P
200C Voltage Reference
LT582X LINER-LT582X_15 Datasheet
169Kb / 1P
200C Voltage Reference
logo
Silicon Supplies
LM4040A-2.5 SS-LM4040A-2.5 Datasheet
441Kb / 4P
Voltage Reference
LM4040A-4.1 SS-LM4040A-4.1_V01 Datasheet
332Kb / 4P
Voltage Reference
Rev 1.2 02/11/21
LM4040A-1.2 SS-LM4040A-1.2_V01 Datasheet
594Kb / 4P
Voltage Reference
Rev 1.1 28/07/22
LM4040A-4.1 SS-LM4040A-4.1_V02 Datasheet
595Kb / 4P
Voltage Reference
Rev 1.3 28/07/22
LM4040C-1.2 SS-LM4040C-1.2 Datasheet
594Kb / 4P
Voltage Reference
Rev 1.1 28/07/22
LM4040C-2.5 SS-LM4040C-2.5 Datasheet
595Kb / 4P
Voltage Reference
Rev 1.1 29/07/22
LM4040A-10 SS-LM4040A-10 Datasheet
421Kb / 4P
Voltage Reference
Rev 1.0 26/10/23
LM4040C-10 SS-LM4040C-10 Datasheet
421Kb / 4P
Voltage Reference
Rev 1.0 26/10/23
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com