Electronic Components Datasheet Search
  English  ▼

X  

LT1004 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1004
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1004 Datasheet(HTML) 5 Page - Linear Technology

  LT1004 Datasheet HTML 1Page - Linear Technology LT1004 Datasheet HTML 2Page - Linear Technology LT1004 Datasheet HTML 3Page - Linear Technology LT1004 Datasheet HTML 4Page - Linear Technology LT1004 Datasheet HTML 5Page - Linear Technology LT1004 Datasheet HTML 6Page - Linear Technology LT1004 Datasheet HTML 7Page - Linear Technology LT1004 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1004
TYPICAL APPLICATIONS
Micropower 5V Reference
VIN ≥ 8V
1
µF
OUT
IN
5V
1004 TA03
LT1004-2.5
300
Ω
1%
100
Ω
1%
LT338A
ADJ
+
High Stability 5V Regulator
VIN
1
µF
VOUT
VOUT
VIN
V–
1004 TA08
LT1004-1.2
120
Ω
R1
LT338A
ADJ
+
10
µF
2k
+
R1
≤
V– – 1V
0.015
Variable Output Supply
Constant Gain Amplifier
Over Temperature
200k
250k
V–
≤ –5V
V +
≥ 5V
INPUT
OUTPUT
1004 TA07
60k
2N3904
250k
LT1004-1.2
Lead Acid Low-Battery Detector
–
+
LM4250
2
3
4
7
8
6
10M
12V
LO = BATTERY LOW
1004 TA14
LT1004-1.2
133k
1%
R1
†
1%
†R1 SETS TRIP POINT, 60.4k
PER CELL FOR 1.8V/CELL
1M
BATTERY
OUTPUT
Ground Referenced Current Source
–
+
LT1007C
2
3
6
7
4
R
2k*
15V
–5V
IOUT
LT1004-1.2
1004 TA04
*MAY BE INCREASED
FOR SMALL OUTPUT CURRENTS
IOUT =
1.235
R
R
≈
2V
IOUT + 10µA
1M
1%
3.01M
1%
–
+
LM4250
2
3
4
8
6
7
22M
VIN
9V to 15V
VOUT
5V
1004 TA13
LT1004-1.2
5.6k
R
LM334
150pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com