Electronic Components Datasheet Search
  English  ▼

X  

LT1029 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1029
Description  5V Bandgap Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1029 Datasheet(HTML) 1 Page - Linear Technology

  LT1029 Datasheet HTML 1Page - Linear Technology LT1029 Datasheet HTML 2Page - Linear Technology LT1029 Datasheet HTML 3Page - Linear Technology LT1029 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
LT1029/LT1029A
1029afa
■
0.2% Output Tolerance
■
0.6Ω Shunt Impedance
■
700µA to 10mA Operating Current
■
Pin Compatible with LM136-5
■
20ppm/°C Max Drift
■
Output Voltage Trim does not Affect Drift
■
Can be Used as Positive or Negative Reference
The LT
®1029 is a 5V bandgap reference intended for use
in the shunt or “Zener” mode, allowing it to be used as
either a positive or negative reference. The output is
pretrimmed to ± 0.2% accuracy with 20ppm/°C maximum
temperature drift. A trim pin allows additional output
adjustment for even more precise output voltage.
Operating current range for the LT1029 is 700µA to 10mA.
Extremely low dynamic impedance allows excellent
output regulation even with fluctuating operating current.
The LT1029 will replace an LM136-5 or LM336-5 and
simplify circuits using the “minimum temperature coeffi-
cient” trim network. The LT1029 does not require this
special network to meet its temperature drift specification;
these application network components are simply
removed. If output trimming is required for initial
accuracy, the diodes in the trim network should be
replaced with jumpers.
■
A-to-D and D-to-A Converters
■
Precision Regulators
■
Precision Current Sources
■
V to F and F to V Converters
5V Bandgap Reference
FEATURES
APPLICATIO S
DESCRIPTIO
Output Voltage Drift
TYPICAL APPLICATIO
LT1029
LT1029
R1
10k
15V
5V
–5V
–15V
R2
10k
LT1029 • TA01
5.015
–50
TEMPERATURE (°C)
5.010
5.005
5.000
4.995
4.990
4.895
–25
0
25
50
75
100
125
LT1029 • TA02
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1029

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
5V Bandgap Reference
LT1029A LINER-LT1029A Datasheet
193Kb / 4P
5V Bandgap Reference
LT1029A LINER-LT1029A Datasheet
81Kb / 4P
5V Bandgap Reference
LT1029AC LINER-LT1029AC Datasheet
193Kb / 4P
5V Bandgap Reference
LT1029ACH LINER-LT1029ACH Datasheet
193Kb / 4P
5V Bandgap Reference
More results

Similar Description - LT1029

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
5V Bandgap Reference
LT1029 LINER-LT1029_02 Datasheet
71Kb / 4P
5V Bandgap Reference
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-1.2 AME-AME41-1.2 Datasheet
187Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
Shunt Bandgap Voltage Reference
logo
Linear Technology
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
5V Bandgap Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
Internal Bandgap Reference
08/20/13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com