Electronic Components Datasheet Search
  English  ▼

X  

LT1102 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1102
Description  High Speed, Precision, JFET Input Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1102 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1102 Datasheet HTML 4Page - Linear Technology LT1102 Datasheet HTML 5Page - Linear Technology LT1102 Datasheet HTML 6Page - Linear Technology LT1102 Datasheet HTML 7Page - Linear Technology LT1102 Datasheet HTML 8Page - Linear Technology LT1102 Datasheet HTML 9Page - Linear Technology LT1102 Datasheet HTML 10Page - Linear Technology LT1102 Datasheet HTML 11Page - Linear Technology LT1102 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LT1102
11
1102fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTIO
J8 Package
8-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
OBSOLETE PACKAGES
.050
(1.270)
MAX
.016 – .021**
(0.406 – 0.533)
.010 – .045*
(0.254 – 1.143)
SEATING
PLANE
.040
(1.016)
MAX
.165 – .185
(4.191 – 4.699)
GAUGE
PLANE
REFERENCE
PLANE
.500 – .750
(12.700 – 19.050)
.305 – .335
(7.747 – 8.509)
.335 – .370
(8.509 – 9.398)
DIA
.230
(5.842)
TYP
.027 – .045
(0.686 – 1.143)
.028 – .034
(0.711 – 0.864)
.110 – .160
(2.794 – 4.064)
INSULATING
STANDOFF
45
°TYP
H8 (TO-5) 0.230 PCD 0801
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND THE SEATING PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
.016 – .024
(0.406 – 0.610)
*
**
PIN 1
J8 0801
.014 – .026
(0.360 – 0.660)
.200
(5.080)
MAX
.015 – .060
(0.381 – 1.524)
.125
3.175
MIN
.100
(2.54)
BSC
.300 BSC
(7.62 BSC)
.008 – .018
(0.203 – 0.457)
0
° – 15°
.005
(0.127)
MIN
.405
(10.287)
MAX
.220 – .310
(5.588 – 7.874)
12
3
4
87
65
.025
(0.635)
RAD TYP
.045 – .068
(1.143 – 1.650)
FULL LEAD
OPTION
.023 – .045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
.045 – .065
(1.143 – 1.651)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
H Package
8-Lead TO-5 Metal Can (.230 Inch PCD)
(Reference LTC DWG # 05-08-1321)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com