Electronic Components Datasheet Search
  English  ▼

X  

AN3373 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3373
Description  PM8803 is a highly integrated device embedding
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3373 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3373 Datasheet HTML 10Page - STMicroelectronics AN3373 Datasheet HTML 11Page - STMicroelectronics AN3373 Datasheet HTML 12Page - STMicroelectronics AN3373 Datasheet HTML 13Page - STMicroelectronics AN3373 Datasheet HTML 14Page - STMicroelectronics AN3373 Datasheet HTML 15Page - STMicroelectronics AN3373 Datasheet HTML 16Page - STMicroelectronics AN3373 Datasheet HTML 17Page - STMicroelectronics AN3373 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Efficiency measurements with diode rectification
AN3373
16/18
Doc ID 018626 Rev 1
Appendix A
Efficiency measurements with diode
rectification
Figure 16.
Efficiency measurements at 48 V input
Figure 17.
Delta efficiency comparison
The difference between DC-DC and overall measurements is similar in both MOSFET and
diode rectification, about 2% from 0.8 A to 2 A.
The difference between MOSFET and diode rectification is similar in both DC-DC and
overall measurements, about 6.5% from 0.8 A to 2 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com