Electronic Components Datasheet Search
  English  ▼

X  

AN3973 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3973
Description  Electronic ballast with active PFC using
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3973 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3973 Datasheet HTML 2Page - STMicroelectronics AN3973 Datasheet HTML 3Page - STMicroelectronics AN3973 Datasheet HTML 4Page - STMicroelectronics AN3973 Datasheet HTML 5Page - STMicroelectronics AN3973 Datasheet HTML 6Page - STMicroelectronics AN3973 Datasheet HTML 7Page - STMicroelectronics AN3973 Datasheet HTML 8Page - STMicroelectronics AN3973 Datasheet HTML 9Page - STMicroelectronics AN3973 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Power factor section
AN3973
6/24
Doc ID 022164 Rev 1
2.1
PFC section design
The first step is to define the converter specifications that the user must set for the new PFC
boost topology project.
At switching frequency, the inductor current is a triangle shape and the average value is half
of the peak of triangle. The resulting inductor current is shown in Figure 3, where it is also
shown that, by geometric relationships, the average value is the peak of sinewave input
current. The system operates the boundary between continuous and discontinuous
(transition mode current):
Figure 3.
Inductor and input current waveform. MOSFET timing
Therefore the main operating conditions are:
●
RMS input current
●
Peak inductor current
●
RMS inductor current
Table 1.
Converter specification data and fixed parameters
Name
Symbol
Value
Input voltage range
VINmin-VINmax
180 Vac to 264 Vac
Nominal output voltage
Vout
400 V
Nominal output power
Pout
60 W
Target efficiency
n
∼ 90%
Minimum switching frequency
fs
35 kHz
Expected power factor
PF
0.99
AM10586v1
 
A
374
.
0
PF
V
*
P
PF
V
P
I
min
AC
out
min
AC
in
in
=
η
=
=
 
in
pk
I
2
2
IL
=
 
in
RMS
I
3
2
IL
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com