Electronic Components Datasheet Search
  English  ▼

X  

UPD3719D Datasheet(PDF) 1 Page - NEC

Part # UPD3719D
Description  10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3719D Datasheet(HTML) 1 Page - NEC

  UPD3719D Datasheet HTML 1Page - NEC UPD3719D Datasheet HTML 2Page - NEC UPD3719D Datasheet HTML 3Page - NEC UPD3719D Datasheet HTML 4Page - NEC UPD3719D Datasheet HTML 5Page - NEC UPD3719D Datasheet HTML 6Page - NEC UPD3719D Datasheet HTML 7Page - NEC UPD3719D Datasheet HTML 8Page - NEC UPD3719D Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©
1998
DATA SHEET
µPD3719
MOS INTEGRATED CIRCUIT
The
µPD3719 is a color CCD (Charge Coupled Device) linear image sensor which changes optical images to
electrical signal and has the function of color separation.
The
µPD3719 has 3 rows of 10600 pixels, and each row has a single-sided readout type of charge transfer register.
It has reset feed-through level clamp circuits and voltage amplifiers. Moreover, a large dynamic range is realized
by using a large saturation voltage and a low-noise amplifier. Therefore, it is suitable for 1200 dpi/A4 professional
color image scanners and so on.
FEATURES
• Valid photocell
: 10600 pixels
× 3
• Photocell's pitch : 7
µm
• Line spacing
: 70
µm (10 lines) Red line-Green line, Green line-Blue line
• Color filter
: Primary colors (red, green and blue), pigment filter (with light resistance 107 lx•hour)
• Resolution
: 48 dot/mm A4 (210
× 297 mm) size (shorter side)
1200 dpi US letter (8.5”
× 11”) size (shorter side)
• Drive clock level : CMOS output under 5 V operation
• Data rate
: 2 MHz MAX.
• Power supply
: +15 V
• On-chip circuits : Reset feed-through level clamp circuits
Voltage amplifiers
ORDERING INFORMATION
Part Number
Package
µPD3719D
CCD linear image sensor 36-pin ceramic DIP (600 mil)
Document No. S13492EJ1V0DS00(1st edition)
Date published September 1998 N CP(K)
Printed in Japan
10600 PIXELS
× 3 COLOR CCD LINEAR IMAGE SENSOR
The information in this document is subject to change without notice.


Similar Part No. - UPD3719D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3719 RENESAS-UPD3719 Datasheet
240Kb / 22P
MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD3719D

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3729 NEC-UPD3729 Datasheet
109Kb / 20P
5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3778 NEC-UPD3778 Datasheet
122Kb / 24P
10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8861 NEC-UPD8861 Datasheet
158Kb / 24P
5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
PD3778 RENESAS-PD3778_15 Datasheet
310Kb / 26P
10600 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com