Electronic Components Datasheet Search
  English  ▼

X  

KF422B Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KF422B
Description  SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF422B Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KF422B Datasheet HTML 1Page - KEC(Korea Electronics) KF422B Datasheet HTML 2Page - KEC(Korea Electronics) KF422B Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - KF422B

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF422BS KEC-KF422BS Datasheet
397Kb / 4P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF422BV KEC-KF422BV Datasheet
397Kb / 4P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
More results

Similar Description - KF422B

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF402BS KEC-KF402BS Datasheet
397Kb / 4P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF836FU KEC-KF836FU Datasheet
443Kb / 5P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
KF881FU KEC-KF881FU Datasheet
441Kb / 5P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
KF881U KEC-KF881U Datasheet
444Kb / 5P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
KF902FU KEC-KF902FU Datasheet
247Kb / 4P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF GSM)
KF942FU KEC-KF942FU Datasheet
142Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RX OF EGSM)
KF947FU KEC-KF947FU Datasheet
246Kb / 4P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RX OF EGSM)
KFM210M KEC-KFM210M Datasheet
161Kb / 3P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR US PCS IF STAGE)
KFM220M KEC-KFM220M Datasheet
162Kb / 3P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR KOREAN PCS IF STAGE)
KFM85M KEC-KFM85M Datasheet
266Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR CDMA IF STAGE)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com