Electronic Components Datasheet Search
  English  ▼

X  

AN4077 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 22Page - STMicroelectronics AN4077 Datasheet HTML 23Page - STMicroelectronics AN4077 Datasheet HTML 24Page - STMicroelectronics AN4077 Datasheet HTML 25Page - STMicroelectronics AN4077 Datasheet HTML 26Page - STMicroelectronics AN4077 Datasheet HTML 27Page - STMicroelectronics AN4077 Datasheet HTML 28Page - STMicroelectronics AN4077 Datasheet HTML 29Page - STMicroelectronics AN4077 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Layout hints
AN4077
26/33
Doc ID 022997 Rev 1
6
Layout hints
The layout of any converter is a very important phase in the design process needing
attention by the design engineers. Even though the layout phase may sometimes seem time
consuming, a good layout certainly saves time during the functional debugging and the
qualification phases. Additionally, a power supply circuit with a correct layout needs smaller
EMI filters or less filter stages and so allows a consistent cost saving.
Converters using the L6564H do not need any special or specific layout rule to be followed;
just the general layout rules for any power converter must be applied carefully. Basic rules
are listed here below, they can be used for other PFC circuits having any power level,
working either in transition mode or with a fixed-off-time control.
1.
Keep power and signal RTN separated. Connect the return pins of the component
carrying high current such as input filter, sense resistors, and output capacitor as close
as possible. This point is the RTN star point. A downstream converter must be
connected to this return point.
2.
Minimize the length of the traces relevant to the boost inductor, MOSFET drain, boost
rectifier and output capacitor.
3.
Keep signal components as close as possible to each L6564H relevant pin. Keep the
tracks relevant to the pin #1 (INV) net as short as possible. Components and traces
relevant to the error amplifier must be placed far from traces and connections carrying
signals with high dV/dt like the MOSFET drain.
4.
Please connect heatsinks to power GND.
5.
Add an external shield to the boost inductor and connect it to power GND.
6.
Connect the RTN of signal components including the feedback, PFC_OK and MULT
dividers close to the L6564H pin #12 (GND).
7.
Connect a ceramic capacitor (100÷470 nF) to pin #14 (VCC) and to pin #12 (GND),
close to the L6564H. Connect this point to the RTN star point (see rule 1).
Figure 36.
EVL6564H-100W PCB layout (smt side view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com