Electronic Components Datasheet Search
  English  ▼

X  

AN4123 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4123
Description  The STEVAL-ISV015V1 is a demonstration board mounting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4123 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4123 Datasheet HTML 8Page - STMicroelectronics AN4123 Datasheet HTML 9Page - STMicroelectronics AN4123 Datasheet HTML 10Page - STMicroelectronics AN4123 Datasheet HTML 11Page - STMicroelectronics AN4123 Datasheet HTML 12Page - STMicroelectronics AN4123 Datasheet HTML 13Page - STMicroelectronics AN4123 Datasheet HTML 14Page - STMicroelectronics AN4123 Datasheet HTML 15Page - STMicroelectronics AN4123 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Table 1 reports the list of components of the STEVAL-ISV015V1 device.
Table 1. Bill of material
Item Qty.
Reference
Part / value
Tolerance
(%)
Voltage
current
WATT
Technology
information
Package
Manufacturer
Manufacturer code
1
1
J1
2-pin screw
connector
TH-5 mm
PHOENIX CONTACT
1935161
2
1
C
IN1
47
μF
6.3 V
0805
KEMET
C0805C476M9PAC7800
3
1
C2
1 nF
50 V
0805
KEMET
C0805C102K5RAC
4
1
C4
10 nF
50 V
0805
KEMET
C0805C103K5RAC
5
1
C
OUT1
10
μF
16 V
0805
KEMET
C0805C106K4PAC7800
6
1
VR3
(0-1 k
Ω)
500 mW
63M
VISHAY
63M-102
7
0
R4
DNM
0805
7
1
L1
33
μH
I
SAT
> 2 A,
I
RMS
1.8 A
Coilcraft EPCOS
MSS1038-333 B82464G4
8
1
RS1
0
Ω
50 mV at
I
OUT_MAX
125 mW
0805
VISHAY
CRCW08050000Z0EA
9
1
R1
2 M
Ω
125 mW
0805
VISHAY
CRCW08052M00FKEA
10
1
R2
590 k
Ω
125 mW
0805
Panasonic
ERA6AEB5903V
11
2
R5, R6
0
Ω
125 mW
0805
VISHAY
CRCW08050000Z0EA
13
1
U1
SPV1040
TSSOP8
STMicroelectronics
SPV1040T
14
1
D
OUT1
SMM4F5.0
V
BR
= 5 V,
V
CL
= 9 V
ST MITE
FLAT
STMicroelectronics
SMM4F5.0
15
2
RF1, RF2
1 k
Ω
125 mW
0805
VISHAY
CRCW08051K00FKEA
17
3
CF1, C5,
C6
1
μF
10 V
0805
Murata
Manufacturing, Co.,
Ltd.
GRM21BR71C105KA01L
20
1
U2
LD39050
MLPD 3 x 3
STMicroelectronics
LD39050
21
1
J31
Mini-USB-B
Mini-USB-
B
MOLEX
®
548190578



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com