Electronic Components Datasheet Search
  English  ▼

X  

AN4140 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4140
Description  STLD41 output power capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4140 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4140 Datasheet HTML 7Page - STMicroelectronics AN4140 Datasheet HTML 8Page - STMicroelectronics AN4140 Datasheet HTML 9Page - STMicroelectronics AN4140 Datasheet HTML 10Page - STMicroelectronics AN4140 Datasheet HTML 11Page - STMicroelectronics AN4140 Datasheet HTML 12Page - STMicroelectronics AN4140 Datasheet HTML 13Page - STMicroelectronics AN4140 Datasheet HTML 14Page - STMicroelectronics AN4140 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AN4140
Efficiency
Doc ID 023412 Rev 1
11/17
6
Efficiency
6.1
With the LQH6PPN470M3 inductor
Figure 6.
IOUT = 100 mA with the LQH6PPN470M3
Figure 7.
IOUT = 200 mA with the LQH6PPN470M3
AM12755v1
55.00
57.00
59.00
61.00
63.00
65.00
67.00
69.00
71.00
73.00
75.00
77.00
79.00
81.00
83.00
85.00
87.00
89.00
91.00
93.00
95.00
2
3
4567
8
910 11 12 13 14 15 16 17 18 19 20 21
VIN [V ]
Vout = 12 V
Vout = 14 V
Vout = 17 V
Vout = 20 V
Vout = 23 V
Vout = 25 V
Vout = 28 V
Vout = 31 V
Vout = 33 V
Vout = 36 V
AM12756v1
55.00
57.00
59.00
61.00
63.00
65.00
67.00
69.00
71.00
73.00
75.00
77.00
79.00
81.00
83.00
85.00
87.00
89.00
91.00
93.00
95.00
97.00
2
3
4567
8
910 11 12 13 14 15 16 17 18 19 20 21
V
IN [V]
Vout = 12 V
Vout = 14 V
Vout = 17 V
Vout = 20 V
Vout = 23 V
Vout = 26 V
Vout = 28 V
Vout = 31 V
Vout = 34 V
Vout = 36 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com