Electronic Components Datasheet Search
  English  ▼

X  

AN4144 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4144
Description  Voltage mode control operation and parameter optimization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4144 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4144 Datasheet HTML 1Page - STMicroelectronics AN4144 Datasheet HTML 2Page - STMicroelectronics AN4144 Datasheet HTML 3Page - STMicroelectronics AN4144 Datasheet HTML 4Page - STMicroelectronics AN4144 Datasheet HTML 5Page - STMicroelectronics AN4144 Datasheet HTML 6Page - STMicroelectronics AN4144 Datasheet HTML 7Page - STMicroelectronics AN4144 Datasheet HTML 8Page - STMicroelectronics AN4144 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
March 2015
DocID023491 Rev 3
1/28
28
AN4144
Application note
Voltage mode control operation and parameter optimization
Enrico Poli
Introduction
Voltage mode driving is the stepper motor driving method patented by STMicroelectronics®
which improves the performance of classic control systems.
This driving method performs smoother operation and higher microstepping resolutions and
is the best solution for applications where high precision positioning and low mechanical
noise are mandatory.
This application note describes the operating principles of Voltage mode driving and the
strategies for the regulation of the control parameters in order to fit the application
requirements.
The application note also investigates and provides solutions to one of the most common
issues in Voltage mode driving systems: the resonances of the stepper motors.
www.st.com


Similar Part No. - AN4144

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN414 STMICROELECTRONICS-AN414 Datasheet
283Kb / 14P
Variable speed drives have become widespread in the home appliance field
05-Feb-2013
AN4140 STMICROELECTRONICS-AN4140 Datasheet
1Mb / 17P
STLD41 output power capability
28-Aug-2012
logo
Panasonic Semiconductor
AN41400A PANASONIC-AN41400A Datasheet
507Kb / 19P
1-ch Motor drive IC
AN41402A PANASONIC-AN41402A Datasheet
468Kb / 18P
2-ch Motor drive IC
logo
STMicroelectronics
AN4141 STMICROELECTRONICS-AN4141 Datasheet
1Mb / 42P
Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
04-Mar-2013
More results

Similar Description - AN4144

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
Parameter Analyzer
logo
International Rectifier
IRIS4013K IRF-IRIS4013K Datasheet
66Kb / 6P
Primary current mode control, and secondary voltage mode control
logo
ATMEL Corporation
AT93C56 ATMEL-AT93C56_14 Datasheet
377Kb / 21P
Low-voltage and Standard-voltage Operation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
Low-voltage and Standard-voltage Operation
AT25160 ATMEL-AT25160_14 Datasheet
337Kb / 21P
Low-voltage and Standard-voltage Operation
AT25256 ATMEL-AT25256_14 Datasheet
438Kb / 22P
Low-voltage and Standard-voltage Operation
AT93C56A ATMEL-AT93C56A_14 Datasheet
309Kb / 14P
Medium-voltage and Standard-voltage Operation
AT93C66A ATMEL-AT93C66A_14 Datasheet
309Kb / 14P
Medium-voltage and Standard-voltage Operation
logo
MKS Instruments.
DELTA MKS-DELTA Datasheet
311Kb / 4P
PROCESS OPTIMIZATION THROUGH PRECISE FLOW RATIO CONTROL
logo
Maxim Integrated Produc...
78M6612-DB-RF MAXIM-78M6612-DB-RF Datasheet
2Mb / 41P
Minimum and peak parameter tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com