Electronic Components Datasheet Search
  English  ▼

X  

AN4158 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4158 Datasheet HTML 12Page - STMicroelectronics AN4158 Datasheet HTML 13Page - STMicroelectronics AN4158 Datasheet HTML 14Page - STMicroelectronics AN4158 Datasheet HTML 15Page - STMicroelectronics AN4158 Datasheet HTML 16Page - STMicroelectronics AN4158 Datasheet HTML 17Page - STMicroelectronics AN4158 Datasheet HTML 18Page - STMicroelectronics AN4158 Datasheet HTML 19Page - STMicroelectronics AN4158 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Peak current control with PWM and constant off-time
AN4158
16/34
DocID023635 Rev 2
When the slow decay is not able to decrease the phase current, the fast decay method can
be used. The fast decay forces the current reduction applying the supply voltage in reverse
direction. This way the current is actively reduced using the same voltage used to force it
into the phase during the on-time.
In this case the current drop and then the ripple are greater than with slow decay, but the
peak current is kept under control (see Equation 7).
Equation 7
Figure 10. Back electromotive force limiting the slow decay effectiveness
R
Ph
V
BEMF
I
Ph
L
Ph
Motor phase equivalent circuit
V
BEMF >> IPh x RPh
V
BEMF < 0
AM15112v1
I
Ph
RPh IPh VBUS
+
 L
Ph tOFF




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34