Electronic Components Datasheet Search
  English  ▼

X  

AN4248 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 7Page - STMicroelectronics AN4248 Datasheet HTML 8Page - STMicroelectronics AN4248 Datasheet HTML 9Page - STMicroelectronics AN4248 Datasheet HTML 10Page - STMicroelectronics AN4248 Datasheet HTML 11Page - STMicroelectronics AN4248 Datasheet HTML 12Page - STMicroelectronics AN4248 Datasheet HTML 13Page - STMicroelectronics AN4248 Datasheet HTML 14Page - STMicroelectronics AN4248 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
DocID024214 Rev 1
11/46
AN4248
Overload delay and shutdown
6
Overload delay and shutdown
The Soft start (SS) pin is responsible for providing the soft start during startup as well as
delayed shutdown during overload period. This is important for some types of loads which
require inrush current for a certain duration like printer load. In this design, the appropriate
value 100 nF is connected at the SS pin. The time to charge capacitor C17 from 0 V to 2 V
sets the soft start time during startup. The time taken is approximated as follows:
Equation 5
Where Iss1 is the current sourced by the internal current generator.
In case of overload at output, the capacitor voltage rises above 2 V and when the capacitor
voltage reaches 5 V, the device shuts down. But during this time the soft start capacitor is
charged with internal current generator at a current of Iss2 = Iss1 / 4. So this amount of time
is allowed for overload duration.
As the voltage at the soft start capacitor continuous to increase in case of overload and
reaches 6.4 V, the device will be latched. To avoid this condition, we normally connect the
SS pin to Vref via a diode, so that in any case the device voltage is clamped to 5 V+Vbe
drop = 5.7 V. This is shown in the figure below:
Figure 6. Overload delay circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com