Electronic Components Datasheet Search
  English  ▼

X  

UM0723 Datasheet(PDF) 26 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 22Page - STMicroelectronics UM0723 Datasheet HTML 23Page - STMicroelectronics UM0723 Datasheet HTML 24Page - STMicroelectronics UM0723 Datasheet HTML 25Page - STMicroelectronics UM0723 Datasheet HTML 26Page - STMicroelectronics UM0723 Datasheet HTML 27Page - STMicroelectronics UM0723 Datasheet HTML 28Page - STMicroelectronics UM0723 Datasheet HTML 29Page - STMicroelectronics UM0723 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Hardware setting of the STEVAL-IHM023V2
UM0723
26/48
Doc ID 15870 Rev 4
4.2
Hardware settings for “Field Oriented Control” (FOC) in
single-shunt topology current reading configuration
To drive any motor, the user must ensure that:
●
The motor control demonstration board is driven by a control board that provides the
six output signals required to drive the three-phase power stage
●
The motor is connected to the J2 motor output connector
●
If using an encoder or Hall sensor connection, it is connected to connector J4
●
If using a tachometer connection, it is connected to connector J8
●
If using the brake control feature, connect a dissipative power load to J6 connector
Table 4 below shows the jumper settings for any high-voltage motors in single-shunt FOC
configuration. Please confirm that the demonstration board input voltage is in the range of
125 VDC to 400 VDC or 90 VAC to 285 VAC. If the voltage doubler is applied, the input
voltage must be in the range of 65 VAC to 145 VAC.
Table 4.
Jumper settings for high-voltage PMAC or generic AC motor in single-
shunt FOC control
Jumper
Jumper settings for FOC of HV PMSM, BLDC or AC IM in single-shunt
configuration for current reading
W1
“3.3 V” position for VDD = 3.3 V
“5 V” position for VDD = 5 V
W3
“HIGH VOLTAGE” position
W4
Present for Hall sensor or encoder
Not present for connected tachometer
W5
“R_BRAKE” position for software handling of resistive brake (if any)
“OCP OFF” position for software handling of overcurrent protection disabling
W6
Present for supplying control stage from IHM023v2 connector with VDD (max. 50
mA)
W7
Present for connected tachometer
Not present for connected Hall sensor or encoder
W9
Single-shunt
W10
Present
W11
Dash mark position
W13
Single-shunt
W14
Not present
W16
Dash marked position for supplying of Hall/encoder with VDD
Not marked position for supplying of Hall/encoder with +5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com