Electronic Components Datasheet Search
  English  ▼

X  

UM0920 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0920
Description  The purpose of this document is to provide information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0920 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0920 Datasheet HTML 1Page - STMicroelectronics UM0920 Datasheet HTML 2Page - STMicroelectronics UM0920 Datasheet HTML 3Page - STMicroelectronics UM0920 Datasheet HTML 4Page - STMicroelectronics UM0920 Datasheet HTML 5Page - STMicroelectronics UM0920 Datasheet HTML 6Page - STMicroelectronics UM0920 Datasheet HTML 7Page - STMicroelectronics UM0920 Datasheet HTML 8Page - STMicroelectronics UM0920 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 2012
Doc ID 17220 Rev 2
1/14
UM0920
User manual
4 W non-isolated, wide input-voltage range SMPS demonstration
board based on the VIPer16
Introduction
The purpose of this document is to provide information for the STEVAL-ISA071V2 switched
mode power supply (SMPS) demonstration board. The STEVAL-ISA071V2 is a non-isolated
SMPS capable of delivering a 4 W output over a wide input voltage range, and is designed
for a mains application requiring -5 V and +7 V, referred to neutral. The basic concepts used
in this design can also be applied for higher power outputs or different voltage ranges.
The SMPS generates outputs of 5 V and 12 V, referred to the output marked -5 V. The 5 V is
dedicated to supplying an MCU. This configuration allows the use of the MCU to directly
drive a Triac (referred to neutral). The 12 V output is used to supply additional circuits
(relays, OA, etc.).
This document contains a fundamental technical description of the demonstration board
(schematic diagram, PCB details and bill of materials) and basic measurements (load
regulation, efficiency, standby behavior and EMI data).
Figure 1.
STEVAL-ISA071V2 board
www.st.com


Similar Part No. - UM0920

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0925 STMICROELECTRONICS-UM0925 Datasheet
853Kb / 22P
Using the M24LR64-R datalogger reference design
10-Jun-2010
More results

Similar Description - UM0920

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3984 STMICROELECTRONICS-AN3984 Datasheet
499Kb / 46P
The purpose of this document is to provide a tool to calculate
26-Sep-2011
AN4233 STMICROELECTRONICS-AN4233 Datasheet
245Kb / 12P
The purpose of this document is to provide a methodology
16-Jan-2013
UM1608 STMICROELECTRONICS-UM1608 Datasheet
634Kb / 9P
The purpose of this document is to describe
03-Jun-2013
AN3393 STMICROELECTRONICS-AN3393 Datasheet
2Mb / 103P
This document is intended to provide information
17-Oct-2014
AN4504 STMICROELECTRONICS-AN4504 Datasheet
797Kb / 41P
This document is intended to provide usage information
18-Jun-2014
AN4505 STMICROELECTRONICS-AN4505 Datasheet
984Kb / 43P
This document is intended to provide usage information
18-Jun-2014
AN4506 STMICROELECTRONICS-AN4506 Datasheet
1Mb / 47P
This document is intended to provide information
30-Apr-2015
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
The purpose of this document is to describe
02-May-2012
AN4650 STMICROELECTRONICS-AN4650 Datasheet
1Mb / 102P
This document is intended to provide usage information
13-Feb-2015
PM0237 STMICROELECTRONICS-PM0237 Datasheet
1Mb / 88P
The main purpose of this document is to provide a developer
21-Apr-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com