Electronic Components Datasheet Search
  English  ▼

X  

KF446S Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KF446S
Description  SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF446S Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KF446S Datasheet HTML 1Page - KEC(Korea Electronics) KF446S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - KF446S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF446 KEC-KF446 Datasheet
121Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
KF446A KEC-KF446A Datasheet
130Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
KF446AV KEC-KF446AV Datasheet
160Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
KF446B KEC-KF446B Datasheet
177Kb / 3P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF446BS KEC-KF446BS Datasheet
397Kb / 4P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
More results

Similar Description - KF446S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF440 KEC-KF440 Datasheet
220Kb / 3P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
KF444 KEC-KF444 Datasheet
217Kb / 3P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
KF444S KEC-KF444S Datasheet
304Kb / 3P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
KF446A KEC-KF446A Datasheet
130Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
KF446AV KEC-KF446AV Datasheet
160Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
KF446V KEC-KF446V Datasheet
154Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
KF448AS KEC-KF448AS Datasheet
242Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
KF448S KEC-KF448S Datasheet
357Kb / 3P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
KF465B KEC-KF465B Datasheet
131Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
KKF465BS KEC-KKF465BS Datasheet
267Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com