Electronic Components Datasheet Search
  English  ▼

X  

MSK5002 Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK5002
Description  Dual Low Dropout Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5002 Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK5002_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5002_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5002_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5002_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5002_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5002_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5002_15 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MECHANICAL SPECIFICATIONS
ORDERING INFORMATION
LEAD CONFIGURATIONS
S= STRAIGHT; U= BENT UP; D= BENT DOWN
PACKAGE STYLE
T= TOP TAB
SCREENING
BLANK=INDUSTRIAL; B=MIL-PRF-38534 CLASS H
GENERAL PART NUMBER
(VOLTAGE)
MSK5000 B T U
THE ABOVE EXAMPLE IS A +3.3V, -5.2V MILITARY REGULATOR USING THE TOP TAB PACKAGE WITH
LEADS BENT UP.
5
WEIGHT=7.7 GRAMS TYPICAL
ESD TRIANGLE INDICATES PIN 1
ALL DIMENSIONS ARE SPECIFIED IN INCHES
8548-81 Rev. K 2/15



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com