Electronic Components Datasheet Search
  English  ▼

X  

LT1120 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1120
Description  Micropower Regulator with Comparator and Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1120 Datasheet(HTML) 2 Page - Linear Technology

  LT1120_15 Datasheet HTML 1Page - Linear Technology LT1120_15 Datasheet HTML 2Page - Linear Technology LT1120_15 Datasheet HTML 3Page - Linear Technology LT1120_15 Datasheet HTML 4Page - Linear Technology LT1120_15 Datasheet HTML 5Page - Linear Technology LT1120_15 Datasheet HTML 6Page - Linear Technology LT1120_15 Datasheet HTML 7Page - Linear Technology LT1120_15 Datasheet HTML 8Page - Linear Technology LT1120_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1120
1120fd
1
2
3
4
8
7
6
5
TOP VIEW
GND
FB
SHDN
VOUT
–INPUT
COMPOUT
REF
VIN
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
Input Voltage ........................................................... 36V
NPN Collector Voltage ............................................. 36V
Output Short-Circuit Duration .......................... Indefinite
Power Dissipation ............................... Internally Limited
ABSOLUTE
AXI U
RATI GS
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER I FOR ATIO
J8 PACKAGE
8-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W (J)
ORDER PART
NUMBER
LT1120CN8
LT1120CS8
LT1120IN8
LT1120IS8
S8 PART MARKING
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Tj = 25°C.
1120
1120I
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference
Reference Voltage
4.5V
≤ VIN ≤ 36V
2.46
2.50
2.54
V
Line Regulation
4.5V
≤ VIN ≤ 36V
0.01
0.015
%/V
Load Regulation
–2mA
≤ IREF ≤ 2mA, VIN = 12V
0.3
0.6
%
Output Source Current
VIN = 5V
2
4
mA
Output Sink Current
VIN = 5V
2
4
mA
Temperature Stability
1%
Regulator
Supply Current
VIN = 6V, IOUT ≤ 100μA45
80
μA
VIN = 36V, IOUT ≤ 100μA
75
100
μA
VIN = 12V, IOUT = 125mA
11
20
mA
Output Current
(VIN – VOUT) ≥ 1V, VIN ≥ 6V
125
mA
Load Regulation
(VIN – VOUT) ≥ 1V, VIN ≥ 6V
0.2
0.5
%
Line Regulation
6V
≤ VIN ≤ 36V
0.01
0.015
%/V
Dropout Voltage
IOUT = 100μA
0.02
0.05
V
IOUT = 125mA
0.4
0.65
V
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 110°C, θJA = 130°C/W (N)
TJMAX = 110°C, θJA = 150°C/W (S)
LT1120CJ8
ORDER PART
NUMBER
OBSOLETE PACKAGES
Consider the N8 and S8 Packages for Alternate Source
Operating Temperature Range
LT1120C ................................................ 0
°C to 100°C
LT1120I ................................................ – 40 to 100
°C
Storage Temperature Range ................. – 65
°C to 150°C
TOP VIEW
COMPOUT
–INPUT
GND
FB
REF
VIN
SHDN
VOUT
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
ORDER PART
NUMBER
LT1120CH
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com