Electronic Components Datasheet Search
  English  ▼

X  

LT1308 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1308
Description  Single Cell High Current Micropower 600kHz Boost DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1308 Datasheet(HTML) 4 Page - Linear Technology

  LT1308 Datasheet HTML 1Page - Linear Technology LT1308 Datasheet HTML 2Page - Linear Technology LT1308 Datasheet HTML 3Page - Linear Technology LT1308 Datasheet HTML 4Page - Linear Technology LT1308 Datasheet HTML 5Page - Linear Technology LT1308 Datasheet HTML 6Page - Linear Technology LT1308 Datasheet HTML 7Page - Linear Technology LT1308 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1308
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Shutdown Pin Current
VSHDN = 1.2V
q
2.5
4.0
µA
VSHDN = 6V
q
13
26
µA
VSHDN = 0V
q
– 1.5
– 2.5
µA
LBI Threshold Voltage
q
180
200
220
mV
LBO Output Low
ISINK = 10µA
q
0.1
0.25
V
LBO Leakage Current
VLBI = 250mV, VLBO = 5V
q
0.01
0.1
µA
LBI Input Bias Current (Note 4)
VLBI = 150mV
q
530
nA
Low-Battery Detector Gain
1M
Ω Load (–40°C)
1000
3000
V/V
1M
Ω Load (85°C)
300
V/V
Switch Leakage Current
VSW = 5V
q
0.01
10
µA
Industrial Grade – 40
°C to 85°C. VIN = 1.2V, VSHDN = VIN, TA = 25°C, unless otherwise noted.
Note 3: Switch current limit guaranteed by design and/or correlation to
static tests. Duty cycle affects current limit due to ramp generator (see
Block Diagram).
Note 4: Bias current flows out of LBI pin.
Note 5: The LT1308 will withstand continuous application of 1.6V applied
to GND pin while VIN and SW are grounded.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: C grade device specifications are guaranteed over the 0
°C to 70°C
temperature range. In addition, C grade device specifications are assured
over the –40
°C to 85°C temperature range by design or correlation, but
are not production tested.
Note 2: Bias current flows into FB pin.
TYPICAL PERFORMANCE CHARACTERISTICS
SWITCH CURRENT (A)
0
2.0
85
°C
1308 G03
0.5
1.0
1.5
500
400
300
200
100
0
25
°C
–40
°C
LOAD CURRENT (mA)
90
85
80
75
70
65
60
55
50
1
100
1000
1308 G01
10
VIN = 1.2V
VOUT = 3.3V
R1 = 169k
VOUT
200mV/DIV
AC COUPLED
100mA
5mA
ILOAD
VIN = 1.2V
VOUT = 5V
C2 = 22
µF
RC, CC = 47k, 6.8nF
L = 4.7
µH
500
µs/DIV
1308 G02
Transient Response
Switch Saturation Voltage vs
Current
Efficiency
VC (Pin 1): Compensation Pin for Error Amplifier. Con-
nect a series RC from this pin to ground. Typical values
are 47k
Ω and 22nF. Minimize trace area at VC.
FB (Pin 2): Feedback Pin. Reference voltage is 1.22V.
Connect resistive divider tap here. Minimize trace area at
FB. Set VOUT according to: VOUT = 1.22V(1 + R1/R2).
SHDN (Pin 3): Shutdown. Ground this pin to turn off
switcher. Must be tied to VIN (or higher voltage) to enable
switcher. Do not float the SHDN pin.
GND (Pin 4): Ground. Connect directly to local ground
plane. Ground plane should enclose all components
associated with the LT1308.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com