Electronic Components Datasheet Search
  English  ▼

X  

LT1316 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1316
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1316 Datasheet HTML 7Page - Linear Technology LT1316 Datasheet HTML 8Page - Linear Technology LT1316 Datasheet HTML 9Page - Linear Technology LT1316 Datasheet HTML 10Page - Linear Technology LT1316 Datasheet HTML 11Page - Linear Technology LT1316 Datasheet HTML 12Page - Linear Technology LT1316 Datasheet HTML 13Page - Linear Technology LT1316 Datasheet HTML 14Page - Linear Technology LT1316 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1316
TYPICAL APPLICATIONS N
Efficiency vs Load Current
LOAD CURRENT (mA)
1
40
50
60
70
80
10
100
1316 TA04
90
36VIN
72VIN
48VIN
+
+
LT1316
LBI
LB0
FB
SHDN
7
1
2
R3
604k
1%
Q3
2N3904
– 48V
R2
1.30M
1%
R5
69.8k
1%
R6
121k
1%
R7
432k, 1%
Q2
MPSA92
8
34
6
R4
2M
R1
1.3M
C1
0.1
µF
C2
0.022
µF
C4
47
µF
D2
1N4148
C3
47
µF
D1
1N5817
T1
10:1:1
L3
2
1
6
7
4
3
L1
VOUT
5V
50mA
5
Q1
D3
1N4148
VIN
SW
RSET
GND
T1 = DALE LPE-4841-A313 (605-665-9301)
L PRI: 2mH
R DS(ON): 4.3Ω AT VGS = 2.5V
R6, Q2,R7 MUST BE PLACED NEXT
TO THE FB PIN
IIN = 190µA WHEN
VIN = 48V, ILOAD = 1mA
L2
VA
1316 • TA03
Nonisolated – 48V to 5V Flyback Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com