Electronic Components Datasheet Search
  English  ▼

X  

LT1331 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1331
Description  3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1331 Datasheet(HTML) 4 Page - Linear Technology

  LT1331 Datasheet HTML 1Page - Linear Technology LT1331 Datasheet HTML 2Page - Linear Technology LT1331 Datasheet HTML 3Page - Linear Technology LT1331 Datasheet HTML 4Page - Linear Technology LT1331 Datasheet HTML 5Page - Linear Technology LT1331 Datasheet HTML 6Page - Linear Technology LT1331 Datasheet HTML 7Page - Linear Technology LT1331 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1331
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Driver Short-Circuit Current
Supply Current vs Data Rate
Driver Output Voltage
Driver Output Voltage
Receiver Input Thresholds
Receiver Short-Circuit Current
Slew Rate vs Load Capacitance
TEMPERATURE (°C)
–55
30
25
20
15
10
5
0
25
75
1331 G01
–25
0
50
100
125
ISC
+
ISC
–
VCC = 5V
TEMPERATURE (°C)
–55
8
7
6
5
4
3
2
25
75
1331 G02
–25
0
50
100
125
VCC = 3.3V
VCC = 5V
RL = 3k
3 DRIVERS
LOADED
OUTPUT HIGH
Driver Leakage in Shutdown
Slew Rate vs Load Capacitance
TEMPERATURE (°C)
–55
0.50
0.75
1.25
1.50
1.75
3.00
2.25
0
50
75
1331 G08
1.00
2.50
2.75
2.00
–25
25
100
125
INPUT HIGH
INPUT LOW
VL = 3.3V
DATA RATE (kBAUD)
0
50
40
30
20
10
0
25
50
75
100
125
150
1131 G07
3 DRIVERS
1 DRIVER
VCC = 5V
VCC = 3.3V
VCC = 5V
VCC = 3.3V
RL = 3k
CL = 2500pF
TEMPERATURE (°C)
–55
40
30
20
10
0
0
50
75
1331 G09
–25
25
100
125
ISC
+
ISC
–
VL = 3.3V
TEMPERATURE (°C)
–55
–2
–3
–4
–5
–6
–7
–8
25
75
1331 G03
–25
0
50
100
125
VCC = 3.3V
VCC = 5V
RL = 3k
3 DRIVERS
LOADED
OUTPUT LOW
LOAD CAPACITANCE (nF)
0
16
14
12
10
8
6
4
2
0
4
1331 G06
1
2
3
5
+SLEW
–SLEW
VCC = 3.3V
LOAD CAPACITANCE (nF)
0
16
14
12
10
8
6
4
2
0
4
1331 G05
1
2
3
5
+SLEW
–SLEW
VCC = 5V
TEMPERATURE (°C)
0.1
10
100
1331 G04
1
–55
0
50
75
–25
25
100
125
VOUT = –30V
VOUT = 30V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com