Electronic Components Datasheet Search
  English  ▼

X  

UPD3728D Datasheet(PDF) 2 Page - NEC

Part # UPD3728D
Description  7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3728D Datasheet(HTML) 2 Page - NEC

  UPD3728D Datasheet HTML 1Page - NEC UPD3728D Datasheet HTML 2Page - NEC UPD3728D Datasheet HTML 3Page - NEC UPD3728D Datasheet HTML 4Page - NEC UPD3728D Datasheet HTML 5Page - NEC UPD3728D Datasheet HTML 6Page - NEC UPD3728D Datasheet HTML 7Page - NEC UPD3728D Datasheet HTML 8Page - NEC UPD3728D Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
µPD3728
2
DATA SHEET S13878EJ1V0DS00
BLOCK DIAGRAM
8
13
14
5
3
1
36
34
32
30
29
23
28
16
24
22
21
15
CLB
1L
GND
20
2
1
(Blue)
TG1
(Blue)
TG2
(Green)
TG3
(Red)
VOUT2
(Blue, even)
VOUT1
(Blue, odd)
VOUT3
(Green, odd)
VOUT4
(Green, even)
VOUT6
(Red, even)
VOUT5
(Red, odd)
12
. . . . .
. . . . .
. . . . .
. . . . .
. . . . .
. . . . .
Photocell
Transfer gate
Transfer gate
CCD analog shift register
CCD analog shift register
(Green)
Photocell
Transfer gate
Transfer gate
CCD analog shift register
CCD analog shift register
(Red)
Photocell
Transfer gate
Transfer gate
CCD analog shift register
CCD analog shift register
RB
φφ
φ
φ
φ
φ
φ
φ
φ
φ
φ
6
4
2
35
33
31
GND
GND
GND
GND
GND
GND
9
10
7
VOD
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com