Electronic Components Datasheet Search
  English  ▼

X  

LT1341 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1341
Description  5V RS232 Transceiver with One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1341 Datasheet(HTML) 8 Page - Linear Technology

  LT1341 Datasheet HTML 1Page - Linear Technology LT1341 Datasheet HTML 2Page - Linear Technology LT1341 Datasheet HTML 3Page - Linear Technology LT1341 Datasheet HTML 4Page - Linear Technology LT1341 Datasheet HTML 5Page - Linear Technology LT1341 Datasheet HTML 6Page - Linear Technology LT1341 Datasheet HTML 7Page - Linear Technology LT1341 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1341
© LINEAR TECHNOLOGY CORPORATION 1993
TYPICAL APPLICATIO S
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 qFAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1137A
3 Driver/5 Receiver RS232 Transceiver
±15kV ESD Protection
LTC1334
RS232/RS485 Multiprotocol Transceiver
LTC1347
3 Driver/5 Receiver Micropower RS232 Transceiver
LT1780/LT1781
2 Driver/2 Receiver RS232 Transceivers
±15kV ESD Protection
Typical Mouse Driving Application
LT1341 • TA04
5V VCC
0.1
µF
2
× 0.1µF
0.1
µF
DB9
LT1341
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN
28
27
26
25
24
23
22
21
20
19
18
17
16
15
2
× 0.1µF
DRIVER 1 IN
DRIVER 2 IN
RX3 OUT
DRIVER 3 IN
MOUSE
V–
V+
LOGIC “0”
LOGIC “0”
MOUSE DATA
LOGIC “1”
DCD
DSR
RX
RTS
TX
CTS
DTR
RI
(1)
(9)
(5)
LOGIC
OPTICS
V+
V –
ON/OFF
NC
RX1 OUT
RX2 OUT
RX4 OUT
RX5 OUT
GND
DRIVER DISABLE
NC
Operation Using 5V and 12V Power Supplies
LT1341 • TA03
5V VCC
12V V+
0.1
µF
TO
LINE
LT1341
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN
ON/0FF = 5V
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
2
× 0.1µF
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT
GND
DRIVER DISABLE
NC
TO LOGIC
V–
V+
VCC
C1–
C1+
0.1
µF
0.1
µF
1341fa LT/TP 1098 2K REV A • PRINTED IN USA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com