Electronic Components Datasheet Search
  English  ▼

X  

LTC491 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC491
Description  Differential Driver and Receiver Pair
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC491 Datasheet(HTML) 1 Page - Linear Technology

  LTC491 Datasheet HTML 1Page - Linear Technology LTC491 Datasheet HTML 2Page - Linear Technology LTC491 Datasheet HTML 3Page - Linear Technology LTC491 Datasheet HTML 4Page - Linear Technology LTC491 Datasheet HTML 5Page - Linear Technology LTC491 Datasheet HTML 6Page - Linear Technology LTC491 Datasheet HTML 7Page - Linear Technology LTC491 Datasheet HTML 8Page - Linear Technology LTC491 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC491
491fa
s
Low Power: ICC = 300µA Typical
s
Designed for RS485 or RS422 Applications
s
Single 5V Supply
s
–7V to 12V Bus Common Mode Range
Permits
±7V Ground Difference Between Devices
on the Bus
s
Thermal Shutdown Protection
s
Power-Up/-Down Glitch-Free Driver Outputs Permit
Live Insertion or Removal of Package
s
Driver Maintains High Impedance in Three-State or
with the Power Off
s
Combined Impedance of a Driver Output and
Receiver Allows up to 32 Transceivers on the Bus
s
70mV Typical Input Hysteresis
s
28ns Typical Driver Propagation Delays with 5ns
Skew for 2.5MB Operation
s
Pin Compatible with the SN75180
s
Available in 14-Lead PDIP and SO Packages
Differential Driver and
Receiver Pair
The LTC
®491 is a low power differential bus/line trans-
ceiver designed for multipoint data transmission standard
RS485 applications with extended common mode range
(12V to –7V). It also meets the requirements of RS422.
The CMOS design offers significant power savings over its
bipolar counterpart without sacrificing ruggedness against
overload or ESD damage.
The driver and receiver feature three-state outputs, with
the driver outputs maintaining high impedance over the
entire common mode range. Excessive power dissipation
caused by bus contention or faults is prevented by a
thermal shutdown circuit which forces the driver outputs
into a high impedance state.
The receiver has a fail safe feature which guarantees a high
output state when the inputs are left open.
Both AC and DC specifications are guaranteed from 0
°C to
70
°C and 4.75V to 5.25V supply voltage range.
s
Low Power RS485/RS422 Transceiver
s
Level Translator
LTC491 • TA01
120
Ω
120
Ω
120
Ω
120
Ω
4000 FT 24 GAUGE TWISTED PAIR
4000 FT 24 GAUGE TWISTED PAIR
RECEIVER
LTC491
DRIVER
RECEIVER
LTC491
DRIVER
R
D
R
D
5
2
11
12
10
9
4
DE
3
REB
DE
REB
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC491

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491 Datasheet
182Kb / 12P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC491C LINER-LTC491C Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
LTC491CN LINER-LTC491CN Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
More results

Similar Description - LTC491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75179B TI-SN75179B Datasheet
140Kb / 9P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181 TI-SN75ALS181 Datasheet
314Kb / 14P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491_04 Datasheet
182Kb / 12P
Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_08 Datasheet
494Kb / 16P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179A TI1-SN75179A Datasheet
191Kb / 10P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com