Electronic Components Datasheet Search
  English  ▼

X  

LTC1059 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1059
Description  High Performance Switched Capacitor Universal Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1059 Datasheet(HTML) 3 Page - Linear Technology

  LTC1059 Datasheet HTML 1Page - Linear Technology LTC1059 Datasheet HTML 2Page - Linear Technology LTC1059 Datasheet HTML 3Page - Linear Technology LTC1059 Datasheet HTML 4Page - Linear Technology LTC1059 Datasheet HTML 5Page - Linear Technology LTC1059 Datasheet HTML 6Page - Linear Technology LTC1059 Datasheet HTML 7Page - Linear Technology LTC1059 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC1059
3
1059fd
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
ELECTRICAL CHARACTERISTICS
(Complete Filter) VS = ±5V, T2L Clock Input Level unless otherwise specified.
(Complete Filter) VS = ±2.37V unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Lowpass Gain Accuracy
Mode 1, R1 = R2 = 50kΩ
●
±0.1
2
%
BP Gain Accuracy at f0
Mode 1, Q = 10, f0 = 5kHz
±0.1
%
Clock Feedthrough
fCLK ≤ 1MHz
10
mV
Max Clock Frequency
Mode 1, Q < 5, VS ≥ ±5V
2
MHz
Power Supply Current
3.5
5.5
mA
●
7mA
(Internal Op Amps)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Center Frequency Range
f0 • Q ≤ 120kHz, Mode 1, 50:1
0.1 - 12k
Hz
f0 • Q ≤ 120kHz, Mode 3, 50:1
0.1 - 10k
Hz
Input Frequency Range
60k
Hz
Clock-to-Center Frequency Ratio
Mode 1, 50:1, fCLK = 250kHz, Q = 10
50 ± 0.8%
Mode 1, 100:1, fCLK = 250kHz, Q = 10
100 ± 0.8%
Q Accuracy
Mode 1, fCLK = 250kHz, Q = 10
50:1 and 100:1
±2%
Max Clock Frequency
700
kHz
Power Supply Current
1.5
2.5
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
±2.375
±8V
Voltage Swings
VS = ±5V, RL = 5k (Pins 1, 14)
±3.8
±4.2
V
RL = 3.5k (Pins 2, 13)
●
±3.6
V
Input Offset Voltage
●
115
mV
Input Bias Current
3pA
Output Short-Circuit Current Source/Sink
VS = ±5V (N Package)
40/3
mA
VS = ±5V (S Package)
25/3
mA
DC Open Loop Gain
VS = ±5V
80
dB
GBW
VS = ±5V
2
MHz
Slew Rate
VS = ±5V
7
V/µs
The ● denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com