Electronic Components Datasheet Search
  English  ▼

X  

LTC1100 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1100
Description  Precision, Zero-Drift Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1100 Datasheet(HTML) 2 Page - Linear Technology

  LTC1100 Datasheet HTML 1Page - Linear Technology LTC1100 Datasheet HTML 2Page - Linear Technology LTC1100 Datasheet HTML 3Page - Linear Technology LTC1100 Datasheet HTML 4Page - Linear Technology LTC1100 Datasheet HTML 5Page - Linear Technology LTC1100 Datasheet HTML 6Page - Linear Technology LTC1100 Datasheet HTML 7Page - Linear Technology LTC1100 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC1100
2
1100fc
(Note 1)
ABSOLUTE
AXI U
RATI GS
LTC1100ACN
LTC1100CN/CJ
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Gain Error
0.01
0.05
0.01
0.075
±%
●
0.10
0.150
±%
Gain Nonlinearity
3
8
3
20
ppm
●
12
30
12
60
ppm
Input Offset Voltage
(Note 2)
±1
±10
±1
±10
µV
Input Offset Voltage Drift
(Note 2)
●
±5
±100
±5
±100
nV/°C
Input Noise Voltage
DC to 10Hz, TA =25°C
1.9
1.9
µVP-P
Input Bias Current
2.5
50
2.5
65
pA
●
120
135
pA
Input Offset Current
●
10
50
10
65
pA
Common Mode Rejection Ratio
VCM = 2.3V to −4.7V (Note 3)
●
104
115
90
110
dB
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
●
120
105
dB
Output Voltage Swing
RL = 2k, VS = ±8V
●
– 7.2
6.2
– 7.2
6.2
V
RL =10k, VS = ±8V
●
– 7.7
7.5
– 7.7
7.5
V
Supply Current
2.4
2.8
2.4
3.3
mA
●
3.4
4.0
3.4
4.5
mA
Internal Sampling Frequency
2.8
2.8
kHz
Bandwidth
18
18
kHz
ORDER PART
NUMBER
LTC1100CSW
ORDER PART
NUMBER
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
16
15
14
13
12
11
10
9
NC
GND REF
G = 10
CMRR
NC
–VIN
V–
NC
NC
VOUT
G = 10
COMP
NC
VIN
V+
NC
1
2
3
4
8
7
6
5
TOP VIEW
GND REF
CMRR
–VIN
V–
VOUT
COMP
VIN
V+
N8 PACKAGE
8-LEAD PDIP
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±
±±
±
± 5V, RL = 10k, CC = 1000pF, unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Operating Temperature Range
LTC1100M/AM (OBSOLETE) ........... −55°C to 125°C
LTC1100C ......................................... −40°C to 85°C
Output Short Circuit Duration ......................... Indefinite
Storage Temperature Range ................ −65°C to 150°C
Total Supply Voltage (V+ to V−) ............................. 18V
Input Voltage ....................... (V+ + 0.3V) to (V− − 0.3V)
Lead Temperature (Soldering, 10 sec)................. 300°C
TJMAX = 110°C, θJA = 100°C/W
LTC1100CN8
TJMAX = 110°C, θJA = 130°C/W
J PACKAGE
8-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
OBSOLETE PACKAGE
Consider the N Package for an Alternate Source
LTC1100CJ8
LTC1100AMJ8
LTC1100MJ8
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com