Electronic Components Datasheet Search
  English  ▼

X  

LTC1258 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1258
Description  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1258 Datasheet(HTML) 4 Page - Linear Technology

  LTC1258 Datasheet HTML 1Page - Linear Technology LTC1258 Datasheet HTML 2Page - Linear Technology LTC1258 Datasheet HTML 3Page - Linear Technology LTC1258 Datasheet HTML 4Page - Linear Technology LTC1258 Datasheet HTML 5Page - Linear Technology LTC1258 Datasheet HTML 6Page - Linear Technology LTC1258 Datasheet HTML 7Page - Linear Technology LTC1258 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC1258 Series
4
1258sfb
Note 4: ESD (electrostatic discharge) sensitive device. Extensive use of
ESD protection devices are used internal to the LTC1258, however, high
electrostatic discharge can damage or degrade the device. Use proper ESD
handling precautions.
Note 5: Peak-to-peak noise is measured with a single pole highpass filter
at 0.1Hz and 2-pole lowpass filter at 10Hz.
Note 6: Temperature coefficient is the change in output voltage divided by
the nominal output voltage divided by the specified temperature range.
Note 7: Load regulation is measured on a pulse basis from no load to the
specified load current. Output changes due to die temperature change
must be taken into account separately.
Note 8: Dropout voltage is (VIN – VOUT) when VOUT falls to 0.1% below its
nominal value at VIN = VOUT + 0.5V.
Note 9: Hysteresis in output voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Output voltage is always measured at 25°C, but the IC is
cycled hot or cold before successive measurements. Hysteresis is not
normally a problem for operational temperature excursions where the
instrument might be stored at high or low temperature.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1258-2.5* Dropout Voltage vs
Output Source Current
LTC1258-2.5* Input Current vs
Temperature
LTC1258 Series Output Short-
Circuit Current vs Temperature
LTC1258-2.5* Output Short-
Circuit vs Input Voltage
LTC1258-2.5* Output Short-
Circuit Current vs Input Voltage
LTC1258 Series Load Regulation
OUTPUT SOURCE CURRENT (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1258 G01
0.1
TA = 25 C
TEMPERATURE (°C)
–50 –25
150
1258 G02
025
50
75
100 125
8
7
6
5
4
3
2
1
0
VIN = 2.7V
TEMPERATURE (°C)
–50 –25
150
1258 G03
025
50
75
100 125
70
60
50
40
30
20
10
5
0
TA = 25°C
VIN = VOUT(NOM) + 0.2V
OUTPUT
SHORTED
TO VIN
OUTPUT
SHORTED
TO GND
INPUT VOLTAGE (V)
2
25
20
15
10
5
0
4
68
10
1258-G04
12
14
TA = 25°C
OUTPUT SHORTED
TO VIN
INPUT VOLTAGE (V)
2
42
41
4
68
10
1258-G05
12
14
TA = 25°C
OUTPUT SHORTED
TO GND
OUTPUT CURRENT (mA)
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
1
10
100
1258 G06
0.1
TA = 25°C
VIN = VOUT(NOM) + 0.2V
SINKING
SOURCING
*Similar performance characteristics can be expected for all voltage options.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com