Electronic Components Datasheet Search
  English  ▼

X  

LTC1263 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1263
Description  12V, 60mA Flash Memory Programming Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1263 Datasheet(HTML) 1 Page - Linear Technology

  LTC1263 Datasheet HTML 1Page - Linear Technology LTC1263 Datasheet HTML 2Page - Linear Technology LTC1263 Datasheet HTML 3Page - Linear Technology LTC1263 Datasheet HTML 4Page - Linear Technology LTC1263 Datasheet HTML 5Page - Linear Technology LTC1263 Datasheet HTML 6Page - Linear Technology LTC1263 Datasheet HTML 7Page - Linear Technology LTC1263 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1263
12V, 60mA Flash Memory
Programming Supply
s
Guaranteed 60mA Output
s
Regulated 12V
±5% Output Voltage
s
No Inductors
s
Supply Voltage Range: 4.75V to 5.5V
s
ICC 0.5µA Typ in Shutdown
s
Low Power: ICC = 300µA
s
8-Pin SO Package
s
Same Pinout as LTC1262 and MAX662
The LTC
®1263 is a regulated 12V, 60mA output DC/DC
converter. It provides the 12V
±5% output necessary to
program double byte-wide flash memories. The output
provides 60mA from input voltages as low as 4.75V
without using any inductors. Only four external capacitors
are required to complete an extremely small, surface
mountable circuit. The output can be momentarily shorted
to ground without damaging the part.
The active high TTL compatible Shutdown pin can be
directly connected to a microprocessor. In the shutdown
mode, the supply current typically drops to 0.5
µA.
The LTC1263 is available in an 8-pin SO package.
FEATURES
DESCRIPTION
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
12V Flash Memory Programming Supplies
s
Compact 12V Op Amp Supplies
s
Battery-Powered Systems
APPLICATIONS
TYPICAL APPLICATION
Flash Memory Programming Supply
Output Voltage vs Load
SHDN
VOUT
C1–
C1+
C2–
C2+
LTC1263
0.47
µF
0.47
µF
LTC1263 • TA01
10
µF
VCC
4.75V TO 5.5V
VPP
µP
FLASH
MEMORY
GND
VCC
10
µF
ON
5V
SHDN
12V
LOAD CURRENT (mA)
0
20
40
60
80
100
LTC1263 • TA02
13.0
12.8
12.6
12.4
12.2
12.0
11.8
11.6
11.4
11.2
11.0


Similar Part No. - LTC1263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263 Datasheet
223Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
221Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
223Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
207Kb / 8P
12V, 60mA Flash Memory Programming Supply
More results

Similar Description - LTC1263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
12V, 30mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
12V, 60mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662A MAXIM-MAX662A Datasheet
75Kb / 6P
12V, 30mA Flash Memory Programming Supply
Rev 1; 8/94
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
MAX734CSA-T MAXIM-MAX734CSA-T Datasheet
7Mb / 20P
12,120mA Flash Memory Programming Supply
Rev 2; 1/93
logo
Linear Technology
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1262 LINER-LTC1262_15 Datasheet
209Kb / 8P
12V, 30mA Flash Memory Programming Supply
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662EVKIT MAXIM-MAX662EVKIT Datasheet
350Kb / 8P
12V, 30mA Flash Memory Programming Supply
Rev 0; 12/92
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com