Electronic Components Datasheet Search
  English  ▼

X  

LTC1267 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1267
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1267 Datasheet(HTML) 1 Page - Linear Technology

  LTC1267 Datasheet HTML 1Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
LTC1267
LTC1267-ADJ/LTC1267-ADJ5
Dual High Efficiency
Synchronous Step-Down
Switching Regulators
Figure 1. High Efficiency Dual 3.3V, 5V
S
FEATURE
DESCRIPTIO
The LTC®1267 series are dual synchronous step-down
switching regulator controllers featuring automatic Burst
ModeTM operation to maintain high efficiencies at low
output currents. The LTC1267 is composed of two sepa-
rateregulatorblocks,eachdrivingapairofexternalcomple-
mentary power MOSFETs at switching frequencies up to
400kHz. The LTC1267 uses a constant off-time current-
mode architecture to provide constant ripple current in the
inductor and provide excellent line and load transient
response.
A separate pin and on-board switch allow the MOSFET
driver power to be derived from the regulated output
voltage,providingsignificantefficiencyimprovementwhen
operating at high input voltage. The output current level is
user-programmable via an external current sense resistor.
The LTC1267 series is ideal for applications requiring dual
output voltages with high conversion efficiencies over a
wide load current range in a small amount of board space.
I
Dual Outputs: 3.3V and 5V, Two Adjustables or
Adjustable and 5V
I
Wide VIN Range: 4V to 40V
I
Ultra-High Efficiency: Up to 95%
I
Low Supply Current in Shutdown: 20
µA
I
Current Mode Operation for Excellent Line and Load
Transient Response
I
High Efficiency Maintained Over a Wide Output
Current Range
I
Independent Micropower Shutdown
I
Very Low Dropout Operation: 100% Duty Cycle
I
Synchronous FET Switching for High Efficiency
I
Available in Standard 28-Pin SSOP
I
Notebook and Palmtop Computers
I
Battery-Operated Digital Devices
I
Portable Instruments
I
DC Power Distribution Systems
S
APPLICATI
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
APPLICATI
TYPICAL
1000pF
+
+
+
1000pF
PGATE 3
PDRIVE 3
SENSE+ 3
SENSE– 3
SENSE– 5
SHDN3
PDRIVE 5
SHDN5
NGATE 3
PGND3 SGND3 CT3
ITH3
ITH5
CT5
SGND5 PGND5
NGATE 5
SENSE+ 5
PGATE 5
VCC3
VCC
VIN
CAP3
CAP5
MSHDN
VCC5
EXT VCC
LTC1267
CT5
270pF
7
11
9
10
15
16
20
22
RC5
1k
CC3
3300pF
CC5
3300pF
CT3
270pF
RC3
1k
1
2
3
0.15
µF
0.15
µF
8
1N4148
26
27
1
28
25
24
18
17
19
23
4
5
14
13
12
6
VOUT5
5V
2A
COUT5
220
µF
10V
× 2
RSENSE5
0.05
Ω
P-CH
Si9435DY
L5
33
µH
D5
MBRS140T3
N-CH
Si9410DY
CIN5
100
µF
50V
+
3.3
µF
0.1
µF
0.1
µF
CIN3
100
µF
50V
P-CH
Si9435DY
N-CH
Si9410DY
D3
MBRS140T3
COUT3
220
µF
10V
× 2
L3
20
µH
RSENSE3
0.05
Ω
VOUT3
3.3V
2A
VIN
5.4V to 25V
RSENSE3: KRL SL-1R050J
L3: COILTRONICS CTX20-4
RSENSE5: KRL SL-1R050J
L5: COILTRONICS CTX33-4
SHDN3, SHDN5, MSHDN
0V = NORMAL, >2V = SHDN
LTC1267 • F01
+
3.3
µF
+
1N4148
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LTC1267

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1267 LINER-LTC1267 Datasheet
341Kb / 16P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267 Datasheet
94Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ Datasheet
341Kb / 16P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ Datasheet
94Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ Datasheet
104Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1267

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1142 LINER-LTC1142 Datasheet
401Kb / 20P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267 Datasheet
341Kb / 16P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142_00 Datasheet
249Kb / 20P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_02 Datasheet
94Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ_15 Datasheet
104Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ5 LINER-LTC1267-ADJ5_15 Datasheet
104Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142_15 Datasheet
258Kb / 20P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HV LINER-LTC1142HV_15 Datasheet
258Kb / 20P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142L LINER-LTC1142L_15 Datasheet
258Kb / 20P
Dual High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com