Electronic Components Datasheet Search
  English  ▼

X  

P00512N Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P00512N
Description  Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 1-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P00512N Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P00512N Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P00512N Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Extension Cord, 15A, 14AWG
(IEC-320-C14 to IEC-320-C13), 1-ft.
MODEL NUMBER: P005-12N
Description
Use Tripp Lite's P005-12N in server applications that require a high-rated, heavy-gauge cable. Its short length is perfect for server to PDU or UPS connections
that are in close proximity. C13 to C14 connectors, 3 x 14 AWG conductors, 15A rating and 100-250V.
Features
Short length reduces rack cable clutter
Molded, heavy-duty power cable, 1 ft. (12 in.)
IEC-320-C13 to IEC-320-C14
14 AWG x 3C, SJT, 15A, 100-250 Volt
RoHS Compliant
UL Listed
Specifications
INPUT
Cable Length (ft.)
1
Cable Length (m)
0.30
Cable Length (in.)
12
PHYSICAL
Color
Black
CONNECTIONS
Connector A
IEC-320-C14
Highlights
C13 to C14 Power Cable, 1-ft.
(12 in.)
14 AWG x 3C
15A / 100 - 250V
RoHS Compliant
UL Listed
Package Includes
C13 to C14 Power Cable, 1 ft.
(12 in.)
1 / 2


Similar Part No. - P00512N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P00518N TRIPPLITE-P00518N Datasheet
486Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 18-in
More results

Similar Description - P00512N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P00518N TRIPPLITE-P00518N Datasheet
486Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 18-in
P005002 TRIPPLITE-P005002 Datasheet
484Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P005006 TRIPPLITE-P005006 Datasheet
485Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P005010 TRIPPLITE-P005010 Datasheet
484Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 10-ft
P00500214LA TRIPPLITE-P00500214LA Datasheet
511Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13), 2-ft
P00500214RA TRIPPLITE-P00500214RA Datasheet
509Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 2-ft
P00500614LA TRIPPLITE-P00500614LA Datasheet
512Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13, 6-ft
P00500614RA TRIPPLITE-P00500614RA Datasheet
509Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 6-ft
P00501014LA TRIPPLITE-P00501014LA Datasheet
511Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13), 10-ft
P00501014RA TRIPPLITE-P00501014RA Datasheet
509Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 10-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com