Electronic Components Datasheet Search
  English  ▼

X  

KFM110 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KFM110
Description  SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THR IF CIRCUITS OF CORDLESS PHONE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KFM110 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KFM110 Datasheet HTML 1Page - KEC(Korea Electronics) KFM110 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KFM110
2/2
2002. 1. 7
Revision No : 4
Rs
RR
RL
DET
SSG
DET
SSG
Rs
RL
I
Z
1: Input
2, 3 : Ground
4: Output
L
0dBm
Z
12
3
4
O
I
Z
ZO
L1
1
C
L1
C1
RS, RL : 50
(Internal Impedance of Source and Load)
R : 0
ZI(ZO)=RS(RL)+R
MEASUREMENT CIRCUIT
RS, RL : 50
(Internal Impedance of Source and Load)
C1 : 7pF (Reference value)
L1 : 150nH (Reference value)
REFERENCE LEVEL TEST CIRCUIT
TEST CIRCUIT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com