Electronic Components Datasheet Search
  English  ▼

X  

KFM210M Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KFM210M
Description  SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR US PCS IF STAGE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KFM210M Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KFM210M Datasheet HTML 1Page - KEC(Korea Electronics) KFM210M Datasheet HTML 2Page - KEC(Korea Electronics) KFM210M Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KFM210M
2/3
2001. 12. 14
Revision No : 1
R
Circular Index Mark
S
E S
50 Ohm
R L
50 Ohm
1
L
L
2
C1
C1
12
11
1
2
3
9
8
7
10
4
5
6
R
Circular Index Mark
S
E S
50 Ohm
R
1 : 10
L
500 Ohm
500 Ohm
1
L
L
2
C1
C2
C3
12
11
1
2
3
9
8
7
10
4
5
6
Matching Circuit (50 ohm single ended source / 50 ohm single ended load)
TEST CIRCUIT
Matching Circuit (50 ohm single ended source / 500 ohm balanced load)
L1=110nH (Q1>60)
,
C1=36pF.
L2=110nH (Q2>60)
,
C2=36pF.
L1=110nH (Q1>60)
,
C1=36pF.
L2=110nH (Q2>60)
,
C2=2.4pF
C3=2.4pF.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com