Electronic Components Datasheet Search
  English  ▼

X  

LT1611 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1611
Description  Inverting 1.4MHz Switching Regulator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1611 Datasheet(HTML) 4 Page - Linear Technology

  LT1611 Datasheet HTML 1Page - Linear Technology LT1611 Datasheet HTML 2Page - Linear Technology LT1611 Datasheet HTML 3Page - Linear Technology LT1611 Datasheet HTML 4Page - Linear Technology LT1611 Datasheet HTML 5Page - Linear Technology LT1611 Datasheet HTML 6Page - Linear Technology LT1611 Datasheet HTML 7Page - Linear Technology LT1611 Datasheet HTML 8Page - Linear Technology LT1611 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1611
PIN FUNCTIONS
SW (Pin 1): Switch Pin. Minimize trace area at this pin to
keep EMI down.
GND (Pin 2): Ground. Tie directly to local ground plane.
NFB (Pin 3): Negative Feedback Pin. Minimize trace area.
Reference voltage is –1.23V. Connect resistive divider tap
here. The suggested value for R2 is 10k. Set R1 and R2
according to:
R
V
R
OUT
1
123
123
2
45 10
6
=
−
+ 
−
.
.
.•
SHDN (Pin 4): Shutdown Pin. Tie to 1V or more to enable
device. Ground to shut the device down.
VIN (Pin 5): Input Supply Pin. Must be locally bypassed.
BLOCK DIAGRAM
–
+
FF
RQ
S
0.15
Ω
SW
DRIVER
COMPARATOR
2
SHUTDOWN
SHDN
4
1
–
+
Σ
RAMP
GENERATOR
RC
CC
1.4MHz
OSCILLATOR
GND
1611 BD
R6
40k
R4
140k
R3
30k
Q2
x10
Q1
Q3
R5
40k
VIN
VIN 5
NFB
CPL
(OPTIONAL)
R2
(EXTERNAL)
R1
(EXTERNAL)
VOUT
NFB
3
A2
A = 3
A1
gm
OPERATIO
The LT1611 combines a current mode, fixed frequency
PWM architecture with a –1.23V reference to directly
regulate negative outputs. Operation can be best under-
stood by referring to the block diagram of Figure 2. Q1 and
Q2 form a bandgap reference core whose loop is closed
around the output of the converter. The driven reference
point is the lower end of resistor R4, which normally sits
at a voltage of –1.23V. As the load current changes, the
NFB pin voltage also changes slightly, driving the output
of gm amplifier A1. Switch current is regulated directly on
a cycle-to-cycle basis by A1’s output. The flip-flop is set at
the beginning of each cycle, turning on the switch. When
the summation of a signal representing switch current and
a ramp generator (introduced to avoid subharmonic oscil-
lations at duty factors greater than 50%) exceeds the VC
signal, comparator A2 changes stage, resetting the flip-
Figure 2
flop and turning off the switch. Output voltage decreases
(the magnitude increases) as switch current is increased.
The output, attenuated by external resistor divider R1 and
R2, appears at the NFB pin, closing the overall loop.
Frequency compensation is provided internally by RC and
CC. Transient response can be optimized by the addition of
a phase lead capacitor, CPL, in parallel with R1 in applica-
tions where large value or low ESR output capacitors are
used.
As load current is decreased, the switch turns on for a
shorter period each cycle. If the load current is further
decreased, the converter will skip cycles to maintain
output voltage regulation.
The LT1611 can work in either of two topologies. The
simpler topology appends a capacitive level shift to a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com