Electronic Components Datasheet Search
  English  ▼

X  

LT1613 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1613
Description  1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1613 Datasheet HTML 4Page - Linear Technology LT1613 Datasheet HTML 5Page - Linear Technology LT1613 Datasheet HTML 6Page - Linear Technology LT1613 Datasheet HTML 7Page - Linear Technology LT1613 Datasheet HTML 8Page - Linear Technology LT1613 Datasheet HTML 9Page - Linear Technology LT1613 Datasheet HTML 10Page - Linear Technology LT1613 Datasheet HTML 11Page - Linear Technology LT1613 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1613
TYPICAL APPLICATIO S
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
33.2k
1613 TA08
102k
VIN 7V TO 3.6V
270pF
C2
1
µF
C1: TAIYO YUDEN JMK316BJ106ML
C2, C3, C4: TAIYO YUDEN EMK212BJ105MG
C5: TAIYO YUDEN JMK212BJ475MG
D1: MOTOROLA MBR0520
D2, D3: BAT54
T1: COILCRAFT CCI8244A
(847) 639-6400
VIN
SW
GND
LT1613
FB
SHDN
SHUTDOWN
C1
10
µF
C4
1
µF
D3
3
4
6
T1
1
5
2
D1
D2
C5
4.7
µF
C3
1
µF
15V/10mA
5V/50mA
–7.5V/10mA
33.2k
1613 TA07
102k
VIN 7V TO 3.6V
270pF
C2
1
µF
C1: TAIYO YUDEN JMK316BJ106ML
C2, C3, C4: TAIYO YUDEN EMK212BJ105MG
C5: TAIYO YUDEN JMK212BJ475MG
D1: MOTOROLA MBR0520
D2, D3: BAT54
T1: COILCRAFT CCI8245A
(847) 639-6400
VIN
SW
GND
LT1613
FB
SHDN
SHUTDOWN
C1
10
µF
C5
4.7
µF
D1
3
4
6
T1
1
5
2
D2
D3
C4
1
µF
C3
1
µF
15V/10mA
12V/10mA
5V/50mA
4-Cell to 5V/50mA, 12V/10mA, 15V/10mA Digital Camera Power Supply
4-Cell to 5V/50mA, 15V/10mA, – 7.5V/10mA Digital Camera Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com