Electronic Components Datasheet Search
  English  ▼

X  

P006003 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P006003
Description  Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 3-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P006003 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P006003 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P006003 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal Computer Power Cord, 10A, 18AWG
(NEMA 5-15P to IEC-320-C13), 3-ft.
MODEL NUMBER: P006-003
Description
Tripp Lite's line of AC power cords offer PC users a solution to their power connectivity problems. This 3ft cable will replace the power cable on most
computers and peripherals that have a removable power cord. Cable features an AC style plug (NEMA 5-15P) on one end and a computer style receptacle
(IEC-320-C13) on the other end. UL Listed.
Features
3-ft. replacement power cable for a PC, printer, monitor or any other device with like plugs
Universal design
Plug type - NEMA 5-15P (AC) to IEC-320-C13 (Device)
18AWG (0.824mm²), SJT, 10A, 125V
UL Listed
Specifications
INPUT
Cable Length (ft.)
3
Cable Length (m)
0.91
PHYSICAL
Color
Black
CONNECTIONS
Connector A
NEMA 5-15P
Connector B
IEC-320-C13
Highlights
Plug type - NEMA 5-15P (AC) to
IEC-320-C13 (Device)
18AWG (0.824mm²), SJT, 10A,
125V
UL Listed
Package Includes
3-ft. Universal AC Power
Replacement Cord, NEMA 5-15P
Plug to IEC-320-C13 Receptacle
1 / 2


Similar Part No. - P006003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P006001 TRIPPLITE-P006001 Datasheet
480Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 1-ft
P00600213A TRIPPLITE-P00600213A Datasheet
479Kb / 2P
Universal Computer Power Cord, 13A, 16AWG (NEMA 5-15P to IEC-320-C13), 1-ft
P006004 TRIPPLITE-P006004 Datasheet
484Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 4-ft
P006004BL TRIPPLITE-P006004BL Datasheet
484Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs), 4-ft
P006004GN TRIPPLITE-P006004GN Datasheet
484Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Green Plugs), 4-ft
More results

Similar Description - P006003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P006001 TRIPPLITE-P006001 Datasheet
480Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 1-ft
P006004 TRIPPLITE-P006004 Datasheet
484Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 4-ft
P006004BL TRIPPLITE-P006004BL Datasheet
484Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs), 4-ft
P006006 TRIPPLITE-P006006 Datasheet
472Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 6-ft
P006015 TRIPPLITE-P006015 Datasheet
499Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 15-ft
P006020 TRIPPLITE-P006020 Datasheet
480Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 20-ft
P006025 TRIPPLITE-P006025 Datasheet
480Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 25-ft
P00600613LA TRIPPLITE-P00600613LA Datasheet
474Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to Left Angle IEC-320-C13), 6-ft
P00600613RA TRIPPLITE-P00600613RA Datasheet
473Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to Right Angle IEC-320-C13), 6-ft
P006010 TRIPPLITE-P006010 Datasheet
473Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 10-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com