Electronic Components Datasheet Search
  English  ▼

X  

LT1796 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1796
Description  Overvoltage Fault Protected CAN Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1796 Datasheet(HTML) 4 Page - Linear Technology

  LT1796 Datasheet HTML 1Page - Linear Technology LT1796 Datasheet HTML 2Page - Linear Technology LT1796 Datasheet HTML 3Page - Linear Technology LT1796 Datasheet HTML 4Page - Linear Technology LT1796 Datasheet HTML 5Page - Linear Technology LT1796 Datasheet HTML 6Page - Linear Technology LT1796 Datasheet HTML 7Page - Linear Technology LT1796 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1796
1796f
TYPICAL PERFOR A CE CHARACTERISTICS
Dominant State Bus Voltage
vs RL
Supply Current vs Data Rate
Transmitting, 50% Duty Cycle
RS Pin Current vs RS
Positive Slew Rate vs RS
Negative Slew Rate vs RS
Transmitter Propagation Delay vs
Temperature
CANH Short-Circuit Current vs
Voltage
CANL Short-Circuit Current vs
Voltage
VCANL (V)
90
80
70
60
50
40
30
20
10
0
–10
1796 G09
–60
–40
–20
0
20
40
60
TA = 25° C
RL (Ω)
0
3.0
2.5
2.0
1.5
1.0
0.5
0
50
100
150
200
1796 G01
250
TA = 25° C
RS (kΩ)
0
250
200
150
100
50
0
1796 G04
20
40
80
60
TA = 25° C
RS (kΩ)
80
1796 G05
20
40
60
0
10
15
5
0
TA = 25° C
RS (kΩ)
0
20
30
80
1796 G06
10
0
20
40
60
40
TA = 25° C
TEMPERATURE (
°C)
700
600
500
400
300
200
100
0
1796 G07
–50
–25
0
25
50
75
100
tTXDOFF
tTXDON
VCANH (V)
20
0
–20
–40
–60
–80
–100
–120
1796 G08
–60
–40
–20
0
20
40
60
TA = 25° C
DATA RATE (Kbps)
0
22
23
200
1796 G03
21
20
50
100
150
250
24
TA = 25° C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com