Electronic Components Datasheet Search
  English  ▼

X  

LT1884 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1884
Description  Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1884 Datasheet(HTML) 2 Page - Linear Technology

  LT1884 Datasheet HTML 1Page - Linear Technology LT1884 Datasheet HTML 2Page - Linear Technology LT1884 Datasheet HTML 3Page - Linear Technology LT1884 Datasheet HTML 4Page - Linear Technology LT1884 Datasheet HTML 5Page - Linear Technology LT1884 Datasheet HTML 6Page - Linear Technology LT1884 Datasheet HTML 7Page - Linear Technology LT1884 Datasheet HTML 8Page - Linear Technology LT1884 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1884/LT1885
2
Supply Voltage (V+ to V –) ....................................... 40V
Differential Input Voltage (Note 2) .........................
±10V
Input Voltage .................................................... V+ to V –
Input Current (Note 2) ........................................
±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
ORDER
PART NUMBER
S8 PART MARKING
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
Consult factory for Military grade parts.
1884
1884A
LT1885CS
LT1885IS
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Operating Temperature Range (Note 4) .. – 40
°C to 85°C
Specified Temperature Range (Note 5) ... – 40
°C to 85°C
Maximum Junction Temperature .......................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1884I
1884AI
ORDER
PART NUMBER
LT1884CN8
LT1884CS8
LT1884ACN8
LT1884ACS8
LT1884IN8
LT1884IS8
LT1884AIN8
LT1884AIS8
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V –
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
A
B
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
– IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
A
D
C
B
TJMAX = 150°C, θJA = 110°C/W
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
Single supply operation VEE = 0, VCC = 5V; VCM = VCC/2 unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (LT1884A)
25
50
µV
0
°C < TA < 70°C
q
85
µV
–40
°C < TA < 85°C
q
110
µV
Input Offset Voltage (LT1884/LT1885)
30
80
µV
0
°C < TA < 70°C
q
125
µV
–40
°C < TA < 85°C
q
150
µV
Input Offset Voltage Drift (Note 6)
0
°C < TA < 70°C
q
0.3
0.8
µV/°C
–40
°C < TA < 85°C
q
0.3
0.8
µV/°C
IOS
Input Offset Current (LT1884A)
100
300
pA
0
°C < TA < 70°C
q
400
pA
–40
°C < TA < 85°C
q
500
pA
Input Offset Current (LT1884/LT1885)
150
900
pA
0
°C < TA < 70°C
q
1200
pA
–40
°C < TA < 85°C
q
1400
pA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com