Electronic Components Datasheet Search
  English  ▼

X  

P012006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P012006
Description  Laptop-Notebook Power Cord, 10A (NEMA 1-15P to IEC-320-C7), 6-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P012006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P012006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P012006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Laptop/Notebook Power Cord, 10A (NEMA 1-15P to
IEC-320-C7), 6-ft.
MODEL NUMBER: P012-006
Description
This is a universal AC power adapter cord made to fit any 2 prong notebook in need of an AC adapter. If your notebooks connection for the AC outlet has 2
prongs (not 3), then this adapter is compatible.
Features
Universal AC power adapter cord made to fit any 2 prong notebook in need of an AC adapter
NEMA1-15P (Non-Polarized) to IEC-320-C7 (Non-Polarized), 18AWG SPT
Specifications
INPUT
Cable Length (ft.)
6
Cable Length (m)
1.83
PHYSICAL
Color
Black
CONNECTIONS
Connector A
NEMA 1-15P (NON-POLARIZED)
Connector B
IEC-320-C7 (NON-POLARIZED)
Number of Connectors
2
WARRANTY
Highlights
NEMA 1-15P (Non-Polarized) to
IEC-320-C7 (Non-Polarized)
System Requirements
Notebook or notebook power
adapter with an IEC-320-C8
receptacle
Package Includes
6-ft. Notebook AC Power Adapter
Cord, NEMA 1-15P to Notebook
IEC-320-C7
1 / 2


Similar Part No. - P012006

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
250mW GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
800mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
1.5W GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
250mW GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
1W GaAs Power FET (Pb-Free Type)
More results

Similar Description - P012006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P006001 TRIPPLITE-P006001 Datasheet
480Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 1-ft
P006003 TRIPPLITE-P006003 Datasheet
485Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 3-ft
P006004 TRIPPLITE-P006004 Datasheet
484Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 4-ft
P006006 TRIPPLITE-P006006 Datasheet
472Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 6-ft
P007006 TRIPPLITE-P007006 Datasheet
483Kb / 2P
Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 6-ft
P013006 TRIPPLITE-P013006 Datasheet
481Kb / 2P
Standard Laptop-Notebook Power Cord, 10A (NEMA 5-15P to IEC-320-C5), 6-ft
P013010 TRIPPLITE-P013010 Datasheet
480Kb / 2P
Standard Laptop-Notebook Power Cord, 10A (NEMA 5-15P to IEC-320-C5), 10-ft
P00600613LA TRIPPLITE-P00600613LA Datasheet
474Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to Left Angle IEC-320-C13), 6-ft
P00600613RA TRIPPLITE-P00600613RA Datasheet
473Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to Right Angle IEC-320-C13), 6-ft
P006010 TRIPPLITE-P006010 Datasheet
473Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 10-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com