Electronic Components Datasheet Search
  English  ▼

X  

LT1792 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1792
Description  Low Noise, Precision, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1792 Datasheet(HTML) 4 Page - Linear Technology

  LT1792 Datasheet HTML 1Page - Linear Technology LT1792 Datasheet HTML 2Page - Linear Technology LT1792 Datasheet HTML 3Page - Linear Technology LT1792 Datasheet HTML 4Page - Linear Technology LT1792 Datasheet HTML 5Page - Linear Technology LT1792 Datasheet HTML 6Page - Linear Technology LT1792 Datasheet HTML 7Page - Linear Technology LT1792 Datasheet HTML 8Page - Linear Technology LT1792 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1792
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the temperature range
–40
°C ≤ TA ≤ 85°C. VS = ±15V, VCM = 0V, unless otherwise noted. (Notes 8, 9)
SYMBOL
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
0.5
1.0
1.2
3.7
mV
VS = ±5V
q
0.8
1.4
1.5
4.2
mV
∆VOS
Average Input Offset
(Note 6)
q
410
7
40
µV/°C
∆Temp
Voltage Drift
IOS
Input Offset Current
q
300
800
300
800
pA
IB
Input Bias Current
q
1200
4000
1200
4000
pA
VCM
Input Voltage Range
q
12.6
13.0
12.6
13.0
V
q
–10.0
–10.5
–10.0
–10.5
V
CMRR
Common Mode Rejection Ratio
VCM = –10V to 12.6V
q
80
103
78
98
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ± 20V
q
83
98
79
96
dB
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10k
q
850
3300
750
3000
V/mV
VO = ±10V, RL = 1k
q
400
2200
300
2000
V/mV
VOUT
Output Voltage Swing
RL = 10k
q
±12.8 ±13.1
±12.8 ±13.1
V
RL = 1k
q
±11.8 ±12.1
±11.8 ±12.1
V
SR
Slew Rate
RL ≥ 2k
q
2.0
3.0
2.0
3.0
V/
µs
GBW
Gain-Bandwidth Product
fO = 100kHz
q
2.9
4.3
2.9
4.3
MHz
IS
Supply Current
q
4.2
5.40
4.2
5.40
mA
VS = ±5V
q
4.2
5.35
4.2
5.35
mA
Note 6: This parameter is not 100% tested.
Note 7: Slew rate is measured in AV = – 1; input signal is ±7.5V, output
measured at
±2.5V.
Note 8: The LT1792AC and LT1792C are guaranteed to meet specified
performance from 0
°C to 70°C and are designed, characterized and
expected to meet these extended temperature limits, but are not tested at
–40
°C and 85°C. The LT1792I is guaranteed to meet the extended
temperature limits. The LT1792AC and LT1792AI grade are 100%
temperature tested for the specified temperature range.
Note 9: The LT1792 is measured in an automated tester in less than one
second after application of power. Depending on the package used,
power dissipation, heat sinking, and air flow conditions, the fully
warmed-up chip temperature can be 10
°C to 50°C higher than the
ambient temperature.
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers.
Note 3: Warmed-up IB and IOS readings are extrapolated to a chip
temperature of 32
°C from 25°C measurements and 32°C characterization
data.
Note 4: Current noise is calculated from the formula:
in = (2qIB)1/2
where q = 1.6 • 10 –19 coulomb. The noise of source resistors up to 200M
swamps the contribution of current noise.
Note 5: Input voltage range functionality is assured by testing offset
voltage at the input voltage range limits to a maximum of 2.3mV
(A grade), to 2.8mV (C grade).
LT1792AC/LT1792AI
LT1792C/LT1792I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com