Electronic Components Datasheet Search
  English  ▼

X  

P018010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P018010
Description  Heavy-Duty Computer Power Cord, 16A, 14AWG (IEC-320-C14 to IEC-320-C15), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P018010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P018010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P018010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Computer Power Cord, 16A, 14AWG
(IEC-320-C14 to IEC-320-C15), 10-ft.
MODEL NUMBER: P018-010
Description
Tripp Lite's C14-to-C15 power cords allow connection from high voltage network hardware utilizing C15 type connectors to PDU's and UPS systems with C14
type inputs. Heavy-duty 14AWG wire supports voltages up to 250V. Molded ends ensure a lifetime of use.
Features
Heavy-duty power cord supports up to 250V
Flexible 14AWG wire for easy routing
Use with Cisco, HP and other hardware that uses C15 type power connections
UL Listed
Specifications
INPUT
Cable Length (ft.)
10
Cable Length (m)
3
PHYSICAL
Color
Black
CONNECTIONS
Connector A
IEC-320-C14
Connector B
IEC-320-C15
Highlights
10-ft. heavy-duty power cord,
C14-to-C15
100~250V, 15A, 14AWG, SJT
UL Listed
Applications
Ideal for connecting network
hardware with C15 power connections
such as servers to PDUs and UPS
systems with C14 type inputs.
Package Includes
10-ft. C14 to C15 Power Cord
1 / 2


Similar Part No. - P018010

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0180 PULSE-P0180 Datasheet
107Kb / 1P
SMT POWER INDUCTORS
P0180 PULSE-P0180 Datasheet
124Kb / 2P
SMT POWER INDUCTORS
logo
Tripp Lite. All Rights ...
P018002 TRIPPLITE-P018002 Datasheet
483Kb / 2P
Heavy-Duty Computer Power Cord, 16A, 14AWG (IEC-320-C14 to IEC-320-C15), 2-ft
P018003 TRIPPLITE-P018003 Datasheet
477Kb / 2P
Heavy-Duty Computer Power Cord, 16A, 14AWG (IEC-320-C14 to IEC-320-C15), 3-ft
P018006 TRIPPLITE-P018006 Datasheet
478Kb / 2P
Heavy-Duty Computer Power Cord, 16A, 14AWG (IEC-320-C14 to IEC-320-C15), 6-ft
More results

Similar Description - P018010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P047-006 TRIPPLITE-P047-006 Datasheet
481Kb / 3P
Heavy-Duty Power Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14) 6-ft.
P005006 TRIPPLITE-P005006 Datasheet
485Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P005010 TRIPPLITE-P005010 Datasheet
484Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 10-ft
P018002 TRIPPLITE-P018002 Datasheet
483Kb / 2P
Heavy-Duty Computer Power Cord, 16A, 14AWG (IEC-320-C14 to IEC-320-C15), 2-ft
P018003 TRIPPLITE-P018003 Datasheet
477Kb / 2P
Heavy-Duty Computer Power Cord, 16A, 14AWG (IEC-320-C14 to IEC-320-C15), 3-ft
P018006 TRIPPLITE-P018006 Datasheet
478Kb / 2P
Heavy-Duty Computer Power Cord, 16A, 14AWG (IEC-320-C14 to IEC-320-C15), 6-ft
P047002 TRIPPLITE-P047002 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 2-ft
P047004 TRIPPLITE-P047004 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 4-ft.
P047006 TRIPPLITE-P047006 Datasheet
480Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 6-ft
P047010 TRIPPLITE-P047010 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 10-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com