Electronic Components Datasheet Search
  English  ▼

X  

MSK5211 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK5211
Description  Internal Thermal Overload Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5211 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK5211 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5211 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5211 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5211 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5211 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5211 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APPLICATION NOTES
HEAT SINKING
To determine if a heat sink is required for your application
and if so, what type, refer to the thermal model and govern-
ing equation below.
Governing Equation: Tj = Pd x (Rθjc + Rθcs + Rθsa) + Ta
WHERE
Tj = Junction Temperature
Pd = Total Power Dissipation
Rθjc = Junction to Case Thermal Resistance
Rθcs = Case to Heat Sink Thermal Resistance
Rθsa = Heat Sink to Ambient Thermal Resistance
Tc = Case Temperature
Ta = Ambient Temperature
Ts = Heat Sink Temperature
EXAMPLE:
This example demonstrates an analysis where the output cur-
rents are at 0.5 amp each and both inputs are 8V.
Conditions for MSK 5211:
+Vin = +8.0V; Iout = 0.5A Positive Regulator
1.) Assume 45° heat spreading model.
2.) Find positive regulator power dissipation:
Pd = (Vin - Vout)(Iout)
Pd = (+8V-5V)(0.5A)
Pd = 1.5W
3.) For conservative design, set Tj = +125°C Max.
4.) For this example, worst case Ta = +85°C.
5.) Rθjc = 10.5°C/W from the Electrical Specification Table.
6.) Rθcs = 0.15°C/W for most thermal greases.
7.) Rearrange governing equation to solve for Rθsa:
Rθsa= ((Tj - Ta)/Pd) - (Rθjc) - (Rθcs)
= (125°C-85°C)/1.5W - 13.5°C/W - 0.15°C/W
= 13.0°C/W
The same exercise must be performed for the negative regula-
tor.
CAPACITOR SELECTION
INPUT CAPACITOR:
An input bypass capacitor is recommenced when using the
MSK 5211 series regulators. This is especially true if the regu-
lator is located farther than 6 inches from the power supply filter
capacitors. For most applications a 1μF solid tantalum capacitor
will be suitable.
OUTPUT CAPACITOR:
A minimum of a 1μF solid tantalum capacitor should also be
used at the output to insure stability. Any increase of this out-
put capacitor larger than 10μF will only improve output imped-
ance.
+CCOMP CAPACITOR:
For improved ripple rejection, +Ccomp can be bypassed to
ground with a 10μF tantalum capacitor. This bypass capacitor
will provide 80dB ripple rejection. Increased capacitance above
10μF does not improve the ripple rejection at frequencies above
120Hz. If the Ccomp bypass capacitor is used, it may be neces-
sary to add a protection diode to protect the regulator from ca-
pacitor discharge damage. See Typical Applications Circuit for
clarification. If the bypass capacitor is not used, it should be left
open since it is internally connected to the regulator.
3
POSITIVE REGULATOR
INPUT CAPACITOR:
Once again, if the regulator will be farther than 6 inches from
power supply filter capacitors, then an input capacitor will be
required on the negative regulator. It is recommended that a
1μF solid tantalum capacitor be used.
OUTPUT CAPACITOR:
A minimum of a 1μF solid tantalum capacitor should also be
used at the output to insure stability. Any increase of this out-
put capacitor larger than 10μF will only improve output imped-
ance.
-CCOMP CAPACITOR:
For improved ripple rejection, -Ccomp can be bypassed to
ground with a 10μF tantalum capacitor. This bypass capacitor
will provide 66dB ripple rejection. Increased capacitance above
10μF does not improve the ripple rejection at frequencies above
120Hz. If the Ccomp bypass capacitor is used, it may be neces-
sary to add a protection diode to protect the regulator from ca-
pacitor discharge damage. See Typical Applications Circuit for
clarification. If the bypass capacitor is not used, it should be left
open since it is internally connected to the regulator.
NEGATIVE REGULATOR
It is important to keep the output connection between the regu-
lator and the load as short as possible since this directly affects
the load regulation. For example, if 20 gauge wire were used
which has a resistance of about 0.008 ohms per foot, this would
result in a drop of 8mV/ft at 1Amp of load current. It is also
important to follow the capacitor selection guidelines to achieve
best performance.
TYPICAL APPLICATION CIRCUIT
LOAD REGULATION
8548-76 Rev. B 10/12



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com